Electronic Components Datasheet Search
  English  ▼

X  

LB1929 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1929
Description  Three-Phase Brushless Motor Driver for OA Products
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1929 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1929 Datasheet HTML 1Page - Sanyo Semicon Device LB1929 Datasheet HTML 2Page - Sanyo Semicon Device LB1929 Datasheet HTML 3Page - Sanyo Semicon Device LB1929 Datasheet HTML 4Page - Sanyo Semicon Device LB1929 Datasheet HTML 5Page - Sanyo Semicon Device LB1929 Datasheet HTML 6Page - Sanyo Semicon Device LB1929 Datasheet HTML 7Page - Sanyo Semicon Device LB1929 Datasheet HTML 8Page - Sanyo Semicon Device LB1929 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
No. 7099-2/12
LB1929
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current 1
ICC1
23
30
mA
Supply current 2
ICC2
Stop mode
3.5
5
mA
Output block
Output saturation voltage 1
VOsat1
IO = 1.0 A, VO (SINK) + VO (SOURCE)
2.0
2.5
V
Output saturation voltage 2
VOsat2
IO = 2.0 A, VO (SINK) + VO (SOURCE)
2.6
3.2
V
Output leakage current
IO leak
100
µA
Lower diode forward voltage 1
VD1
ID = –1.0 A
1.2
1.5
V
Lower diode forward voltage 2
VD2
ID = –2.0 A
1.5
2.0
V
Regulator-voltage output
Output voltage
VREG
IO = –5 mA
4.65
5.00
5.35
V
Voltage regulation
∆VREG1 VCC = 9.5 to 28 V
30
100
mV
Load regulation
∆VREG2 IO = –5 to –20 mA
20
100
mV
Hall Amplifier
Input bias current
IHB
–2
–0.5
µA
Common-mode input voltage range
VICM
1.5
VREG – 1.5
V
Hall input sensitivity
80
mVp-p
Hysteresis width
∆VIN
15
24
42
mV
Input voltage L
→ H
VSLH
12
mV
Input voltage H
→ L
VSHL
–12
mV
PWM oscillator circuit
Output H level voltage
VOH (PWM)
2.5
2.8
3.1
V
Output L level voltage
VOL (PWM)
1.2
1.5
1.8
V
Oscillator frequency
f (PWM)
C = 3900pF
18
kHz
Amplitude
V (PWM)
1.05
1.30
1.55
Vp-p
CSD circuit
Operating voltage
VOH (CSD)
3.6
3.9
4.2
V
External C charge current
ICHG
–17
–12
–9
µA
Operating time
T (CSD)
C = 10 µF, Design target value
3.3
s
Current limiter operation
Limiter
VRF
VCC–VM
0.45
0.5
0.55
V
Thermal shutdown operation
Thermal shutdown operating temperature
TSD
Design target value (junction temperature)
150
180
°C
Hysteresis width
∆TSD
Design target value (junction temperature)
50
°C
Electrical Characteristics at Ta = 25°C, VCC = VM = 24 V
Note*: These items are design target values and are not tested.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com