Electronic Components Datasheet Search
  English  ▼

X  

LB1929 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1929
Description  Three-Phase Brushless Motor Driver for OA Products
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1929 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1929 Datasheet HTML 1Page - Sanyo Semicon Device LB1929 Datasheet HTML 2Page - Sanyo Semicon Device LB1929 Datasheet HTML 3Page - Sanyo Semicon Device LB1929 Datasheet HTML 4Page - Sanyo Semicon Device LB1929 Datasheet HTML 5Page - Sanyo Semicon Device LB1929 Datasheet HTML 6Page - Sanyo Semicon Device LB1929 Datasheet HTML 7Page - Sanyo Semicon Device LB1929 Datasheet HTML 8Page - Sanyo Semicon Device LB1929 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
No. 7099-3/12
LB1929
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
FG amplifier
Input offset voltage
VIO (FG)
–10
10
mV
Input bias current
IB (FG)
–1
1
µA
Output H level voltage
VOH (FG) IFGO = –0.2 mA
VREG – 1.2
VREG – 0.8
V
Output L level voltage
VOL (FG) IFGO = 0.2 mA
0.8
1.2
V
FG input sensitivity
Gain 100-fold
3
mV
Next-stage Schmidt width
Design target value *
100
180
250
mV
Operating frequency range
2
kHz
Open loop GAIN
f (FG) = 2 kHz
45
51
dB
Speed discriminator
Output H level voltage
VOH (D)
IDO = –0.1 mA
VREG – 1.0
VREG – 0.7
V
Output L level voltage
VOL (D)
IDO = 0.1 mA
0.8
1.1
V
No. of counts
512
PLL output
Output H level voltage
VOH (P)
IPO = –0.1 mA
VREG – 1.8
VREG – 1.5
VREG – 1.2
V
Output L level voltage
VOL (P)
IPO = 0.1 mA
1.2
1.5
1.8
V
Lock detection
Output L level voltage
VOL (LD) ILD = 10 mA
0.15
0.5
V
Lock range
6.25
%
Integrator
Input bias current
IB (INT)
–0.4
0.4
µA
Output H level voltage
VOH (INT) IINTO = –0.2 mA
VREG – 1.2
VREG – 0.8
V
Output L level voltage
VOL (INT) IINTO = 0.2 mA
0.8
1.2
V
Open loop GAIN
f (INT) = 1 kHz
45
51
dB
Gain-bandwidth product
Design target value *
450
kHz
Reference voltage
Design target value *
–5%
VREG/2
5%
V
Crystal oscillator
Operating frequency range
fOSC
3
10
MHz
L level pin voltage
VOSCL
IOSC = –0.5 mA
1.65
V
H level pin current
IOSCH
VOSC = VOSCL + 0.3 V
0.4
mA
Start/stop pin
H level input voltage range
VIH (S/S)
3.5
VREG
V
L level input voltage range
VIL (S/S)
0
1.5
V
Input open voltage
VIO (S/S)
VREG – 0.5
VREG
V
Hysteresis width
∆VIN
0.35
0.50
0.65
V
H level input current
IIH (S/S)
V (S/S) = VREG
–10
0
10
µA
L level input current
IIL (S/S)
V (S/S) = 0 V
–280
–210
µA
Forward/reverse pin
H level input voltage range
VIH (F/R)
3.5
VREG
V
L level input voltage range
VIL (F/R)
0
1.5
V
Input open voltage
VIO (F/R)
VREG – 0.5
VREG
V
Hysteresis width
∆VIN
0.35
0.50
0.65
V
H level input current
IIH (F/R)
V (F/R) = VREG
–10
0
10
µA
L level input current
IIL (F/R)
V (F/R) = 0 V
–280
–210
µA
Note*: These items are design target values and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com