Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8224 Datasheet HTML 5Page - Analog Devices AD8224 Datasheet HTML 6Page - Analog Devices AD8224 Datasheet HTML 7Page - Analog Devices AD8224 Datasheet HTML 8Page - Analog Devices AD8224 Datasheet HTML 9Page - Analog Devices AD8224 Datasheet HTML 10Page - Analog Devices AD8224 Datasheet HTML 11Page - Analog Devices AD8224 Datasheet HTML 12Page - Analog Devices AD8224 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8224
Rev. B | Page 9 of 28
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Supply Voltage
±18 V
Power Dissipation
See Figure 2
Output Short-Circuit Current
Indefinite1
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±VS
Storage Temperature Range
−65°C to +130°C
Operating Temperature Range2
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
130°C
Package Glass Transition Temperature
130°C
ESD (Human Body Model)
4 kV
ESD (Charge Device Model)
1 kV
ESD (Machine Model)
0.4 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 Assumes the load is referenced to midsupply.
2 Temperature for
85°C. For performance
to 125°C, see the
section.
specified performance is −40°C to +
Typical Performance Characteristics
THERMAL RESISTANCE
Table 9.
Exposed Paddle Package
θJA
Unit
CP-16-13: LFCSP Soldered to Board
48
°C/W
CP-16-13: LFCSP Not Soldered to Board
86
°C/W
Table 10
.
Hidden Paddle Package
θJA
Unit
CP-16-19: LFCSP
86
°C/W
The θJA values in Table 9 and Table 10 assume a 4-layer JEDEC
standard board. If the thermal pad is soldered to the board, it is
also assumed it is connected to a plane. θJC at the exposed pad is
4.4°C/W.
Maximum Power Dissipation
The maximum safe power dissipation for the AD8224 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 130°C, which is the glass transition temperature,
the plastic changes its properties. Even temporarily exceeding
this temperature limit may change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the amplifiers. Exceeding a temperature of 130°C for an
extended period can result in a loss of functionality. Figure 2
shows the maximum safe power dissipation in the package vs.
the ambient temperature for the LFCSP on a 4-layer JEDEC
standard board.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–60
–40
–20
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE (°C)
θJA = 48°C/W WHEN THERMAL PAD
IS SOLDERED TO BOARD
θJA = 86°C/W WHEN THERMAL PAD
IS NOT SOLDERED TO BOARD
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com