Electronic Components Datasheet Search
  English  ▼

X  

AD8224 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8224 Datasheet HTML 8Page - Analog Devices AD8224 Datasheet HTML 9Page - Analog Devices AD8224 Datasheet HTML 10Page - Analog Devices AD8224 Datasheet HTML 11Page - Analog Devices AD8224 Datasheet HTML 12Page - Analog Devices AD8224 Datasheet HTML 13Page - Analog Devices AD8224 Datasheet HTML 14Page - Analog Devices AD8224 Datasheet HTML 15Page - Analog Devices AD8224 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8224
Rev. B | Page 12 of 28
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
1
10
100
1000
TIME (s)
Figure 10. Change in Input Offset Voltage vs. Warmup Time
150
10
11M
FREQUENCY (Hz)
10
100
1k
10k
100k
130
110
90
70
50
30
GAIN = 1000
BANDWIDTH
LIMITED
GAIN = 100
GAIN = 10
GAIN = 1
Figure 11. Positive PSRR vs. Frequency, RTI
150
10
11
FREQUENCY (Hz)
M
10
100
1k
10k
100k
130
110
90
70
50
30
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 12. Negative PSRR vs. Frequency, RTI
COMMON-MODE VOLTAGE (V)
–1
1
3
5
7
9
–16
–12
–8
–4
0
4
8
12
16
–0.5
–0.3
–0.1
0.1
0.3
–15.1V
INPUT BIAS
CURRENT ±15
INPUT
OFFSET
CURRENT ±5
INPUT BIAS
CURRENT ±5
–5.1V
INPUT OFFSET
CURRENT ±15
Figure 13. Input Bias Current and Input Offset Current vs. Common-Mode Voltage
10n
1n
100p
10p
1p
0.1p
–50
150
TEMPERATURE (°C)
–25
0
25
50
75
100
125
IOS
IBIAS
Figure 14. Input Bias Current and Offset Current vs. Temperature,
VS = ±15 V, VREF = 0 V
10n
1n
100p
10p
1p
0.1p
–50
150
TEMPERATURE (°C)
–25
0
25
50
75
100
125
IOS
IBIAS
Figure 15. Input Bias Current and Offset Current vs. Temperature,
VS = 5 V, VREF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com