Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button LM4040 Datasheet HTML 2Page - Diodes Incorporated LM4040 Datasheet HTML 3Page - Diodes Incorporated LM4040 Datasheet HTML 4Page - Diodes Incorporated LM4040 Datasheet HTML 5Page - Diodes Incorporated LM4040 Datasheet HTML 6Page - Diodes Incorporated LM4040 Datasheet HTML 7Page - Diodes Incorporated LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated LM4040 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LM4040
LM4040
Document number: DS33195 Rev. 5 - 2
8 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information
In a conventional shunt regulator application (Figure 1), an external series resistor (RS) is connected between the supply
voltage, VS, and the LM4040.
RS determines the current that flows through the load (IL) and the LM4040 (IR). Since load current and
supply voltage may vary, RS should be small enough to supply at least the minimum acceptable IR to the
LM4040 even when the supply voltage is at its minimum and the load current is at its maximum value.
When the supply voltage is at its maximum and IL is at its minimum, RS should be large enough so that
the current flowing through the LM4040 is less than 15 mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR), and the
LM4040’s reverse breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
+
−
=
Printed circuit board layout considerations
LM4040s in the SOT23 package have the die attached to pin 1, which results in an electrical contact between pin 2 and pin
3. Therefore, pin 1 of the SOT-23 package must be left floating or connected to pin 2.
LM4040s in the SC70-5 package have the die attached to pin 2, which results in an electrical contact between pin 2 and pin
1. Therefore, pin 2 must be left floating or connected to pin1.
Ordering Information
25°C
Tol
Voltage
(V)
Order Code
Package
Part
Mark
Reel
Size
Tape Width
Quantity
per Reel
0.2%
2.5
LM4040B25FTA
SOT23
R2B
7”, 180mm
8mm
3000
LM4040B25H5TA
SC70-5
R2B
7”, 180mm
8mm
3000
3.0
LM4040B30FTA
SOT23
R3B
7”, 180mm
8mm
3000
LM4040B30H5TA
SC70-5
R3B
7”, 180mm
8mm
3000
5.0
LM4040B50FTA
SOT23
R5B
7”, 180mm
8mm
3000
LM4040B50H5TA
SC70-5
R5B
7”, 180mm
8mm
3000
0.5%
2.5
LM4040C25FTA
SOT23
R2C
7”, 180mm
8mm
3000
LM4040C25H5TA
SC70-5
R2C
7”, 180mm
8mm
3000
3.0
LM4040C30FTA
SOT23
R3C
7”, 180mm
8mm
3000
LM4040C30H5TA
SC70-5
R3C
7”, 180mm
8mm
3000
5.0
LM4040C50FTA
SOT23
R5C
7”, 180mm
8mm
3000
LM4040C50H5TA
SC70-5
R5C
7”, 180mm
8mm
3000
1%
2.5
LM4040D25FTA
SOT23
R2D
7”, 180mm
8mm
3000
LM4040D25H5TA
SC70-5
R2D
7”, 180mm
8mm
3000
3.0
LM4040D30FTA
SOT23
R3D
7”, 180mm
8mm
3000
LM4040D30H5TA
SC70-5
R3D
7”, 180mm
8mm
3000
5.0
LM4040D50FTA
SOT23
R5D
7”, 180mm
8mm
3000
LM4040D50H5TA
SC70-5
R5D
7”, 180mm
8mm
3000
RS
VS
IR +
IL
IR
IL
VR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com