Electronic Components Datasheet Search
  English  ▼

X  

LM4040 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 1 Page - Diodes Incorporated

  LM4040 Datasheet HTML 1Page - Diodes Incorporated LM4040 Datasheet HTML 2Page - Diodes Incorporated LM4040 Datasheet HTML 3Page - Diodes Incorporated LM4040 Datasheet HTML 4Page - Diodes Incorporated LM4040 Datasheet HTML 5Page - Diodes Incorporated LM4040 Datasheet HTML 6Page - Diodes Incorporated LM4040 Datasheet HTML 7Page - Diodes Incorporated LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM4040
LM4040
Document number: DS33195 Rev. 5 - 2
1 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Description
The LM4040 is a family of bandgap circuits designed to
achieve precision micro-power voltage references of 2.5V,
3.0V and 5.0V. The devices are available in 0.2% B-grade,
0.5% C-grade and 1% D-grade initial tolerances.
They are available in small outline SOT23 and SC70-5
surface mount packages which are ideal for applications
where space is at a premium.
Excellent performance is maintained over the 60µA to
15mA operating current range with a typical temperature
coefficient of only 20ppm/°C. The device has been
designed to be highly tolerant of capacitive loads so
maintaining excellent stability.
This device offers a pin for pin compatible alternative to the
LM4040 voltage reference.
Features
•
Small packages: SOT23 & SC70-5
•
No output capacitor required
•
Output voltage tolerance
o
LM4040B
±0.2% at 25°C
o
LM4040C
±0.5% at 25°C
o
LM4040D
±1% at 25°C
•
Low output noise
•
(10Hz to 10kHz) .............. 45µVRMS
•
Wide operating current range 60µA to 15mA
•
Extended temperature range -40°C to +125°C
•
Low temperature coefficient 100 ppm/°C (max)
Applications
•
Battery powered equipment
•
Precision power supplies
•
Portable instrumentation
•
Portable communications devices
•
Notebook and palmtop computers
•
Data acquisition systems
Pin Assignments
*
Anode
Cathode
Top view
* Pin 1 must be left floating or connected to pin 2
3
1
2
LM4040 F (SOT23)
Anode
*
Cathode
N/C
N/C
1
2
3
4
5
LM4040 H5 (SC70-5)
Top View
* Pin 2 must be left floating or connected to pin 1


Similar Part No. - LM4040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040 NSC-LM4040 Datasheet
365Kb / 30P
Precision Micropower Shunt Voltage Reference
logo
Micrel Semiconductor
LM4040 MICREL-LM4040 Datasheet
106Kb / 16P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
logo
Vishay Siliconix
LM4040 VISHAY-LM4040 Datasheet
574Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
Precision micropower shunt voltage references
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
logo
Analog Devices
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 8
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 2
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com