Electronic Components Datasheet Search
  English  ▼

X  

ET830 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # ET830
Description  5 Amps竊?00Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

ET830 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  ET830 Datasheet HTML 1Page - Estek Electronics Co. Ltd ET830 Datasheet HTML 2Page - Estek Electronics Co. Ltd ET830 Datasheet HTML 3Page - Estek Electronics Co. Ltd ET830 Datasheet HTML 4Page - Estek Electronics Co. Ltd ET830 Datasheet HTML 5Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ET830
5 Amps,
,
,
,500Volts
N-Channel MOSFET
■ Description
The ET830 N-Channel enhancement mode silicon gate
power
MOSFET is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers
.
■ Features
RDS(ON) = 1.5 @VGS = 10 V
Low gate charge ( typical 20nC)
Fast switching capability
Avalanche energy specified
Improved dv/dt capability
■ Symbol
■ Absolute Maximum Ratings(T
c=25℃,unless otherwise specified)
Ratings
Parameter
Symbol
TO-220
TO-220F
Units
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Tc=25℃
5.0
5.0
*
A
Drain Currenet Continuous
Tc=100℃
ID
3.0
3.0
*
A
Drain Current Pulsed
(Note 1)
IDP
20
20
*
A
Repetitive
(Note 1)
EAR
7.6
mJ
Avalanche Energy
Single Pulse
(Note 2)
EAS
305
mJ
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
4.5
V/ns
Tc=25℃
76
40
W
Total Power Dissipation
Derate above 25℃
PD
0.6
0.32
W/℃
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55~+150
℃
*
Drain current limited by maximum junction temperature.
BEIJING ESTEK ELECTRONICS CO.,LTD
1


Similar Part No. - ET830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ET830-16 ETC2-ET830-16 Datasheet
1Mb / 1P
Supports Intel짰 Core?? Duo processors, 533/667MHz FSB
More results

Similar Description - ET830

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTA065A041F TOSHIBA-LTA065A041F Datasheet
161Kb / 18P
17cm竊?.5 inch竊?color TFT-LCD module
logo
Estek Electronics Co. L...
2N60 ESTEK-2N60 Datasheet
573Kb / 5P
N2 Amps竊?00Volts N-Channel MOSFET
4N60 ESTEK-4N60 Datasheet
543Kb / 5P
4 Amps竊?00Volts N-Channel MOSFET
7N60 ESTEK-7N60 Datasheet
470Kb / 5P
7 Amps竊?00Volts N-Channel MOSFET
ET50N06 ESTEK-ET50N06 Datasheet
455Kb / 4P
50 Amps竊?0Volts N-CHANNEL MOSFET
ET630 ESTEK-ET630 Datasheet
646Kb / 5P
9 Amps竊?00Volts N-CHANNEL MOSFET
ET730 ESTEK-ET730 Datasheet
423Kb / 5P
6 Amps竊?00Volts N-Channel MOSFET
ET740 ESTEK-ET740 Datasheet
434Kb / 5P
10.5 Amps竊?00Volts N-Channel MOSFET
ET840 ESTEK-ET840 Datasheet
447Kb / 5P
9 Amps竊?00Volts
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com