Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC23153
Description  4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23153 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC23153 Datasheet HTML 1Page - Micrel Semiconductor MIC23153 Datasheet HTML 2Page - Micrel Semiconductor MIC23153 Datasheet HTML 3Page - Micrel Semiconductor MIC23153 Datasheet HTML 4Page - Micrel Semiconductor MIC23153 Datasheet HTML 5Page - Micrel Semiconductor MIC23153 Datasheet HTML 6Page - Micrel Semiconductor MIC23153 Datasheet HTML 7Page - Micrel Semiconductor MIC23153 Datasheet HTML 8Page - Micrel Semiconductor MIC23153 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel Inc.
MIC23153
December 2009
2
M9999-121409-A
Ordering Information
Part Number
Marking
Code
Nominal Output
Voltage
Junction
Temp. Range
Package
MIC23153-GYMT
WEG
1.8V
–40°C to +125°C
10-Pin 2.5mm x 2.5mm Thin MLF
®
MIC23153YMT
WEA
Adjustable
–40°C to +125°C
10-Pin 2.5mm x 2.5mm Thin MLF
®
Notes:
1. Other options available (1V - 3.3V). Contact Micrel Marketing for details.
2. Thin MLF
® is GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
3. Thin MLF
® ▲ = Pin 1 identifier.
Pin Configuration
2.5mm x 2.5mm Thin MLF
® (MT)
Fixed Output Voltage
(Top View)
2.5mm x 2.5mm Thin MLF
® (MT)
Adjustable Output Voltage
(Top View)
Pin Description
Pin Number
(Fixed)
Pin Number
(Adjustable)
Pin Name
Pin Function
1
1
SW
Switch (Output): Internal power MOSFET output switches.
2
2
EN
Enable (Input): Logic high enables operation of the regulator. Logic low
will shut down the device. Do not leave floating.
3
3
SNS
Sense: Connect to VOUT as close to output capacitor as possible to sense
output voltage.
4
-
NC
Not Internally Connected.
-
4
FB
Feedback: Connect a resistor divider from the output to ground to set the
output voltage.
5
5
PG
Power Good: Open drain output for the power good indicator. Use a pull-
up resistor from this pin to a voltage source to detect a power good
condition.
6
6
SS
Soft Start: Place a capacitor from this pin to ground to program the soft
start time. Do not leave floating, 100pF minimum CSS is required.
7
7
AGND
Analog Ground: Connect to central ground point where all high current
paths meet (CIN, COUT, PGND) for best operation.
8,9
8,9
VIN
Input Voltage: Connect a capacitor to ground to decouple the noise.
10
10
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com