Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC23153
Description  4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23153 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC23153 Datasheet HTML 1Page - Micrel Semiconductor MIC23153 Datasheet HTML 2Page - Micrel Semiconductor MIC23153 Datasheet HTML 3Page - Micrel Semiconductor MIC23153 Datasheet HTML 4Page - Micrel Semiconductor MIC23153 Datasheet HTML 5Page - Micrel Semiconductor MIC23153 Datasheet HTML 6Page - Micrel Semiconductor MIC23153 Datasheet HTML 7Page - Micrel Semiconductor MIC23153 Datasheet HTML 8Page - Micrel Semiconductor MIC23153 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel Inc.
MIC23153
December 2009
3
M9999-121409-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)........................................... -0.3V to 6V
Sense Voltage (VSNS) .........................................-0.3V to VIN
Output Switch Voltage (VSW) ..............................-0.3V to VIN
Enable Input Voltage (VEN).. ..............................-0.3V to VIN
Power Good Voltage (VPG).................................-0.3V to VIN
Storage Temperature Range .. ……………-65
°C to +150°C
Lead temperature (soldering, 10 sec.) ....................... 260
°C
ESD Rating
(3).................................................ESD Sensitive
Operating Ratings
(2)
Supply Voltage (VIN)... …………………………..2.7V to 5.5V
Enable Input Voltage (VEN) .. ……………………….0V to VIN
Sense Voltage (VSNS) ..................................... 0.62V to 3.6V
Junction Temperature Range (TJ)... ….-40°C ≤ TJ ≤ +125°C
Thermal Resistance
2.5mm x 2.5mm Thin MLF-10 (
θJA) ...................90°C/W
2.5mm x 2.5mm Thin MLF-10 (
θJC) ...................63°C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.6V; L = 1.0µH; COUT = 4.7µF unless otherwise specified.
Bold
values indicate –40°C
≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.45
2.55
2.65
V
Under-Voltage Lockout Hysteresis
75
mV
Quiescent Current
IOUT = 0mA , SNS > 1.2 * VOUT Nominal
22
45
µA
Shutdown Current
VEN = 0V; VIN = 5.5V
0.01
5
µA
VIN = 3.6V if VOUTNOM < 2.5V, ILOAD = 20mA
Output Voltage Accuracy
VIN = 4.5V if VOUTNOM ≥ 2.5V, ILOAD = 20mA
-2.5
+2.5
%
Feedback Regulation Voltage
ILOAD = 20mA
0.6045
0.62
0.635
V
Current Limit
SNS = 0.9*VOUTNOM
2.2
3.3
A
VIN = 3.6V to 5.5V if VOUTNOM < 2.5V, ILOAD = 20mA
Output Voltage Line Regulation
VIN = 4.5V to 5.5V if VOUTNOM ≥ 2.5V, ILOAD = 20mA
0.3
%/V
20mA < ILOAD < 500mA, VIN = 3.6V if VOUTNOM < 2.5V
20mA < ILOAD < 500mA, VIN = 5.0V if VOUTNOM ≥ 2.5V
0.3
%
20mA < ILOAD < 1A, VIN = 3.6V if VOUTNOM < 2.5V
Output Voltage Load Regulation
20mA < ILOAD < 1A, VIN = 5.0V if VOUTNOM ≥ 2.5V
0.7
%
PWM Switch ON-Resistance
ISW = 100mA PMOS
ISW = -100mA NMOS
0.2
0.19
Ω
Switching Frequency
IOUT = 120mA
4
MHz
Soft Start Time
VOUT = 90%, CSS = 470pF
320
µs
Soft Start Current
VSS = 0V
2.7
µA
Power Good Threshold (Rising)
86
92
96
%
Power Good Threshold Hysteresis
7
%
Power Good Delay Time
Rising
68
µs
Enable Threshold
Turn-On
0.5
0.9
1.2
V
Enable Input Current
0.1
2
µA
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com