Electronic Components Datasheet Search
  English  ▼

X  

ZLDO500 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLDO500
Description  5.0 VOLT ULTRA LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO500 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLDO500 Datasheet HTML 1Page - Diodes Incorporated ZLDO500 Datasheet HTML 2Page - Diodes Incorporated ZLDO500 Datasheet HTML 3Page - Diodes Incorporated ZLDO500 Datasheet HTML 4Page - Diodes Incorporated ZLDO500 Datasheet HTML 5Page - Diodes Incorporated ZLDO500 Datasheet HTML 6Page - Diodes Incorporated ZLDO500 Datasheet HTML 7Page - Diodes Incorporated ZLDO500 Datasheet HTML 8Page - Diodes Incorporated ZLDO500 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZLDO500
FUNCTIONAL DESCRIPTION
The ZLDO is a high performance, ultra low
dropout, low quiescent regulator. Available in
SM8 surface mount packaging, the device is
able to dissipate 2W(note 1) allowing
complete design flexibility with an input span
upto 20V and 300mA output current. The
device quiescent is 1mA (typ) at 300mA load
current. A low battery comparator signifies
impending battery failure, whilst a shutdown
function reduces quiescent current to a mere
11
µA (typ). A precision bandgap reference
gives
± 2.5% output tolerance and good
temperature characteristics over the range
-40 to +85°C. AC performance is enhanced via
the use of a small external capacitor.
PIN DEFINITIONS
Pin 1
LBF - Low Battery Flag.
An open
collector NPN output which pulls low on failing
input supply.
Pin 2
SC - Shutdown Control. This high
impedance logic compatible input disables the
regulator when taken high. It includes a diode
wired to Vin and so will pass current if taken
more than 0.5V above Vin.
Pin 3
Vin - Voltage Input. The power supply to
the regulator. The permissible input voltage
range is -0.3 to 20V. An input capacitor is not
mandatory but will be useful in reducing the
coupling of noise from input to output and
minimising the effect of sudden changes in load
current on the input voltage.
Pin 4
N/C - Not Connected. Not internally
connected and so can be left open or wired to
any pin without affecting the performance of the
regulator.
Pin 5
Vout - Voltage Output. The output of the
regulator. An output capacitor of 1uF or greater
and having low ESR should be wired in close
proximity to the regulator to ensure stability for
all loads.
Pin 6
D/C - Do Not Connect. This pin is wired
to an internal circuit node of the regulator. No
external connection should be made to this pin.
Pin 7
Gnd - Ground. The ground connection
of the regulator against which the output
voltage is referenced.
Pin 8
Spg - Shaping. The shaping node for
the error amplifier of the regulator. A
capacitor of 10pF wired from this pin to the
output pin (pin 5) gives optimum stability.
Improved AC can be achieved by reducing
the value of this capacitor but stability may
be impaired for some load conditions.
NOTES.
1. Maximum power dissipation of the device is calculated assuming the package is mounted on a
PCB measuring 2 inches square.
2 Output voltage temperature coefficient is calculated as:-
VO change x 1000000
VO x temperature change
3. Dropout voltage is defined as the input to output voltage differential at which the circuit ceases
to regulate. The value is measured when the output voltage has dropped by 100mV from Vout
measured at the nominal input Vin = Vout + 1V
4. Guaranteed by design.
4-82



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com