Electronic Components Datasheet Search
  English  ▼

X  

ZLDO500 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLDO500
Description  5.0 VOLT ULTRA LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO500 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLDO500 Datasheet HTML 1Page - Diodes Incorporated ZLDO500 Datasheet HTML 2Page - Diodes Incorporated ZLDO500 Datasheet HTML 3Page - Diodes Incorporated ZLDO500 Datasheet HTML 4Page - Diodes Incorporated ZLDO500 Datasheet HTML 5Page - Diodes Incorporated ZLDO500 Datasheet HTML 6Page - Diodes Incorporated ZLDO500 Datasheet HTML 7Page - Diodes Incorporated ZLDO500 Datasheet HTML 8Page - Diodes Incorporated ZLDO500 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZLDO500
Frequency (Hz)
Output Impedance vs. Frequency
100
1K
10K
100K
200
800
400
1000
600
1200
C(out)=1
µF
10pF
4.7pF
2.2pF
Shutdown Current vs. Temperature
Temperature ( °C)
-40
-20
0
100
6
10
8
12
14
16
18
Temperature ( °C)
Output Voltage Temperature Coefficient
-40
0
40
80
4.98
5.00
5.02
5.04
Frequency (Hz)
Ripple Rejection vs. Frequency
100
1K
10K
100K
5
10
15
20
25
30
35
40
45
-20
20
60
Io=10mA
C(out)=1
µF
10pF
4.7pF
2.2pF
100
4.99
4.97
5.01
5.03
Temperature ( °C)
Quiescent Current vs. Temperature
Temperature ( °C)
Low Battery Flag Operating Point
700
680
660
640
620
600
580
540
-40
-20
0
100
5.27
5.25
5.24
5.23
5.22
5.28
5.26
-40
-20
0
100
720
560
20
40
60
80
20
40
60
80
20
40
60
80
V(in)=7V
V(in)=7V
1400
1600
1800
2000
0
V(in)=7V
Io=10mA
V(in)=7V
TYPICAL CHARACTERISTICS
4-83



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com