Electronic Components Datasheet Search
  English  ▼

X  

ZLLS350 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLLS350
Description  40V LOW LEAKAGE SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS350 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLLS350 Datasheet HTML 1Page - Diodes Incorporated ZLLS350 Datasheet HTML 2Page - Diodes Incorporated ZLLS350 Datasheet HTML 3Page - Diodes Incorporated ZLLS350 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZLLS350
Document Number: DS33225 Rev.4 - 2
2 of 4
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZLLS350
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
DC Blocking Voltage
VRM
40
V
Continuous Forward current
IF
380
mA
Average Peak Forward Current; duty cycle = 50%
IFAV
650
mA
Non-Repetitive Forward Current
@ t < 100µs
@ t < 10ms
IFSM
6.0
1.3
A
Power Dissipation at TA = 25°C (Note 4)
PD
357
mW
Power Dissipation at TA = 25°C (Note 5)
PD
413
mW
Operating and storage temperature range
TSTG
-55 to +150
°C
Junction Temperature
TJ
150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance Junction to Ambient (Note 4)
RθJA
350
°C/W
Thermal Resistance Junction to Ambient (Note 5)
RθJA
303
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
53
-
V
IR = 100 µA
Forward Voltage Drop (Note 6)
VF
-
395
450
V
IF = 30mA
-
430
520
IF = 50mA
-
490
635
IF = 100mA
-
650
1000
IF = 275mA
Leakage Current
IR
-
0.15
4
µA
VR = 30V
Total Capacitance
CT
2.5
6
f = 1MHz; VR = 30V
Reverse Recovery Time
trr
1
nS
Switch from IF = 100mA to
IR = 100mA.
Measured at IR = 10mA
Notes:
4. For a single device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of 1oz copper in still air conditions
5. As above measured at t < 5 seconds
6. Measured under pulsed conditions. Pulse width
≤ 300µs; duty cycle ≤ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com