Electronic Components Datasheet Search
  English  ▼

X  

ZLLS350 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLLS350
Description  40V LOW LEAKAGE SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS350 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLLS350 Datasheet HTML 1Page - Diodes Incorporated ZLLS350 Datasheet HTML 2Page - Diodes Incorporated ZLLS350 Datasheet HTML 3Page - Diodes Incorporated ZLLS350 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZLLS350
Document Number: DS33225 Rev.4 - 2
3 of 4
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZLLS350
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
0.0001
0.001
0.01
0.1
1
10
100
1,000
0
5
10
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
0.01
0.1
1
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
0
5
10
15
0
0.1
0.2
0.3
0.4
0
20
40
60
80
100
120
140 160
T , AMBIENT TEMPERATURE (C)
Fig. 4 Power Dissipation vs. Ambient Temperature
A
Package Outline Dimensions
SOD-523
Dim
Min
Max
A
0.25
0.35
B
0.70
0.90
C
1.50
1.70
H
1.10
1.30
K
0.55
0.65
L
0.10
0.30
M
0.10
0.12
All Dimensions in mm
H
C
A
B
K
M
L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com