Electronic Components Datasheet Search
  English  ▼

X  

ZLLS400 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZLLS400
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS400 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZLLS400 Datasheet HTML 1Page - Diodes Incorporated ZLLS400 Datasheet HTML 2Page - Diodes Incorporated ZLLS400 Datasheet HTML 3Page - Diodes Incorporated ZLLS400 Datasheet HTML 4Page - Diodes Incorporated ZLLS400 Datasheet HTML 5Page - Diodes Incorporated ZLLS400 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICO NDUC TORS
SUMMARY
Schottky Diode VR = 40V; IF = 0.52A; IR = 10 A
DESCRIPTION
This compact SOD323 packaged Schottky diode offers users an excellent
performance combination comprising high current operation, extremely low
leakage and low forward voltage ensuring suitability for applications requiring
efficient operation at higher temperatures (above 85 C) see Operational efficiency
chart on page 4.
key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency and power levels
PCB area savings
FEATURES
· Low equivalent on resistance
· Extremely low leakage (10 A @30V)
· High current capability (IF = 0.52A)
· Low VF, fast switching Schottky
· SOD323 package
· ZLLS400 complements low temperature equivalent ZHCS400
· Package thermally rated to 150 C
APPLICATIONS
· DC - DC converters
· Cellular / mobile phones
· Charging circuits
· Motor control
DEVICE MARKING
40
ZLLS400
ISSUE 5 - JUNE 2004
1
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
SOD323
DEVICE
REEL
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZLLS400TA
7
8mm embossed 3000 units
ZLLS400TC
13
8mm embossed 10,000 units
ORDERING INFORMATION
TOP VIEW


Similar Part No. - ZLLS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS400 ZETEX-ZLLS400 Datasheet
282Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
ZLLS400QTA DIODES-ZLLS400QTA Datasheet
512Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
ZLLS400QTC DIODES-ZLLS400QTC Datasheet
512Kb / 6P
40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 1
logo
Zetex Semiconductors
ZLLS400TA ZETEX-ZLLS400TA Datasheet
282Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - ZLLS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS1000 ZETEX-ZLLS1000 Datasheet
312Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS2000 ZETEX-ZLLS2000 Datasheet
287Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS400 ZETEX-ZLLS400 Datasheet
282Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500 Datasheet
316Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500_06 Datasheet
306Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS1000 ZETEX-ZLLS1000_06 Datasheet
305Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS2000 ZETEX-ZLLS2000_07 Datasheet
159Kb / 7P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
MAY 2006
ZLLS1000 DIODES-ZLLS1000 Datasheet
191Kb / 6P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev 5
ZLLS2000 DIODES-ZLLS2000_16 Datasheet
349Kb / 5P
40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
Rev erse
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com