Electronic Components Datasheet Search
  English  ▼

X  

ZLLS400 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLLS400
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS400 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLLS400 Datasheet HTML 1Page - Diodes Incorporated ZLLS400 Datasheet HTML 2Page - Diodes Incorporated ZLLS400 Datasheet HTML 3Page - Diodes Incorporated ZLLS400 Datasheet HTML 4Page - Diodes Incorporated ZLLS400 Datasheet HTML 5Page - Diodes Incorporated ZLLS400 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operational efficiency chart
The operational efficiency chart indicates the beneficial use of the ZLLS series diodes in applications requiring
higher voltage, higher temperature operation. Circuits requiring low voltage low temperature operation will
benefit from using Zetex low VF ZHCS series diodes.
ZLLS400
SEMICO NDUC TORS
ISSUE 5 - JUNE 2004
4
SCHOTTKY DIODE CHARACTERISTICS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Reverse breakdown voltage
V
(BR)R
40
V
I
R=200µA
Forward voltage
V
F
305
335
395
445
550
620
710
405
360
390
450
500
630
710
800
mV
mV
mV
mV
mV
mV
mV
mV
I
F=50mA*
I
F=100mA*
I
F=250mA*
I
F=400mA*
I
F=750mA*
I
F=1A*
I
F=1.5A*
I
F=400mA*,Ta = 100 C
Reverse current
I
R
6
370
10
A
A
V
R=30V
V
R=30V,Ta = 85 C
Diode capacitance
C
D
15
pF
f=1MHz,V
R=30V
Reverse recovery time
Reverse recovery charge
t
rr
Q
rr
3
210
ns
pC
Switched from
I
F = 500mA to VR = 5.5V
Measured @ I
R 50mA
di /d t = 500mA/ ns
Rsource = 6 ;Rload= 10
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
*Measured under pulsed conditions. Pulse width = 300µS. Duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com