Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2012 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZLNB2012
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2012 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZLNB2012 Datasheet HTML 1Page - Diodes Incorporated ZLNB2012 Datasheet HTML 2Page - Diodes Incorporated ZLNB2012 Datasheet HTML 3Page - Diodes Incorporated ZLNB2012 Datasheet HTML 4Page - Diodes Incorporated ZLNB2012 Datasheet HTML 5Page - Diodes Incorporated ZLNB2012 Datasheet HTML 6Page - Diodes Incorporated ZLNB2012 Datasheet HTML 7Page - Diodes Incorporated ZLNB2012 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The following diagram shows a typical block diagram
for a twin universal LNB design. The ZLNB2012 device
provides the two polarity and two tone
switches
required to decode the two independent receiver
feeds. The device is also able to detect the absence of a
revceiver connection to either port of the LNB
providing all outputs to go high hence disabling of the
port. This allows the avoidance of unwanted signal
reflections from an unterminated down feed cable.
Additionally the front end bias requirements of the LNB
are provided by the ZNBG4000 or ZNBG6000 offering a
very efficient and cost effective solution
PROVISIONAL ISSUE A - OCTOBER 2001
5
ZLNB2012
Bias Generator
ZNBG40XX
Series
ZLNB2012 Series
Dual H/V Switch
&
22kHz Switch
Vertical
Antenna
Horizontal
Antenna
Gain Stage
GaAs/HEMTFET
Gain Stage
GaAs/HEMTFET
1
4
2
IF down feed
950-1750 MHz
- Standard Band
950-2050 MHz
- Enhanced Band
H/V Output 2
H/V Output 1
3
Control Input
<=13V-Horizontal
>=14.5V-Vertical
Control
High Band
Horizontal
Low Band
Horizontal
High Band
Vertical
Low Band
Vertical
PIN
Diode
MUX
DC Input
13-25V
ASTRA
10.95 GHz-11.7 GHz
Standard Band
10.7 GHz-11.8 GHz
Enhanced Band
+
+
Mixer
+
+
Mixer
Low Band
Low Band
High Band
High Band



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com