Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2012 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZLNB2012
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2012 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZLNB2012 Datasheet HTML 1Page - Diodes Incorporated ZLNB2012 Datasheet HTML 2Page - Diodes Incorporated ZLNB2012 Datasheet HTML 3Page - Diodes Incorporated ZLNB2012 Datasheet HTML 4Page - Diodes Incorporated ZLNB2012 Datasheet HTML 5Page - Diodes Incorporated ZLNB2012 Datasheet HTML 6Page - Diodes Incorporated ZLNB2012 Datasheet HTML 7Page - Diodes Incorporated ZLNB2012 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FURTHER INFORMATION
Inputs Vpol1 and Vpol2 are designed to be wired to the
power inputs of an LNB via a high value (1K) resistors.
Input Vpol1 controls outputs HOR1, BHOR1 and ENA1.
Input Vpol2 controls outputs HOR2, BHOR2 and ENA2.
With either input voltage set at or below 14V, the
corresponding HOR pin will be active and the
corresponding BHOR pin will be the inverse of HOR.
With either input voltage at 14.5V or higher, the
corresponding HOR pin will be active and the
corresponding BHOR pin will be the inverse. Should
the voltage applied to either Vpol input fall below 8V,
the corresponding ENA (enable) pin will be low,
otherwise these outputs will remain high. Any input or
output may be left open circuit without any effect on
the remaining circuitry.
The ZLNB2012 includes all the circuitry necessary to
detect the presence of a 22kHz tone modulated on the
supply input to the LNB. The main elements of the
detector are an op-amp, a rectifier/smoother and a
comparitor. The op-amp has a pre-set internal
feedback resistor so that just a simple RC network
wired to the input gives user defined gain and low
frequency cut filter characteristics.
The RC network components also serve two other
purposes. The resistor provides overvoltage
protection for the Vpol pin and the capacitor minimises
tone interference of the Vpol threshold. The upper
frequency roll-off of the op-amp has been set internally
at above 100kHz to allow the amplifier to be used with
other common tone switch frequencies.
The rectifier/smoother/comparitor function is provided
by a complex propriety circuit that allows the
ZLNB2012 to reliably detect wanted tones whilst
ignoring low frequency square wave switch box
signals, DiSEqC™ bursts and supply switching
transients common when using DiSEqC-2™ ready
set-top boxes. This is all achieved without the need for
any further external components. The threshold of the
comparitor is supply dependent, hence the gain of the
preceding op-amp must be adjusted in line with supply
voltage.
Output Truth Table
The ZLNB2012 includes two independent channels, each containing a voltage detector and tone detector. The
following truth table applies to each channel:-
PROVISIONAL ISSUE A - OCTOBER 2001
ZLNB2012
7
Tone
Vpol
TD
BTD
HOR
BHOR
ENA
Off
14V
Low
High
Low
High
High
Off
14.5V
Low
High
High
Low
High
On
14V
High
Low
Low
High
High
On
14.5V
High
Low
High
Low
High
-
<8V
-
-
Low
High
Low



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com