Electronic Components Datasheet Search
  English  ▼

X  

ZMY20 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZMY20
Description  MAGNETIC FIELD SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMY20 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZMY20 Datasheet HTML 1Page - Diodes Incorporated ZMY20 Datasheet HTML 2Page - Diodes Incorporated ZMY20 Datasheet HTML 3Page - Diodes Incorporated ZMY20 Datasheet HTML 4Page - Diodes Incorporated ZMY20 Datasheet HTML 5Page - Diodes Incorporated ZMY20 Datasheet HTML 6Page - Diodes Incorporated ZMY20 Datasheet HTML 7Page - Diodes Incorporated ZMY20 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZMY20
SEMICO NDUC TORS
ISSUE 3 - JUNE 2007
5
Sensor sensitivity characteristic
S=f(Hx)
Vb=const; Tamb=25°C
Supply voltage (maximum) derating curve
VBmax=f(Tamb)
Device mounted on 40 x 40 mm
2 board (copper area 600mm2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com