Electronic Components Datasheet Search
  English  ▼

X  

ZMY20 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZMY20
Description  MAGNETIC FIELD SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMY20 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZMY20 Datasheet HTML 1Page - Diodes Incorporated ZMY20 Datasheet HTML 2Page - Diodes Incorporated ZMY20 Datasheet HTML 3Page - Diodes Incorporated ZMY20 Datasheet HTML 4Page - Diodes Incorporated ZMY20 Datasheet HTML 5Page - Diodes Incorporated ZMY20 Datasheet HTML 6Page - Diodes Incorporated ZMY20 Datasheet HTML 7Page - Diodes Incorporated ZMY20 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZMY20 is an extremely sensitive magnetic sensor employing the
magneto-resistive effect of thin film permalloy. It allows the measurement of
magnetic fields or the detection of magnetic parts. The highly sensitive and
small size magnetoresistive sensors consist of a chip covered with thin film
permalloy stripes. These stripes form a Wheatstone bridge, whose output
voltage is proportional to the magnetic field component Hy. A perpendicular
field Hx is necessary to stabilize sensor operation. This can be done by using a
small permanent magnet.
FEATURES
• Output voltage proportional to magnetic field Hy
• Adjustment of sensitivity and suppression of
hysteresis by the auxiliary magnetic field Hx
• Magnetic fields vertical to the chip level are not
effective
APPLICATIONS
• Linear position sensors for process control, door
interlocks, proximity detectors, machine tool
sensing
• Scalar measurement for compassing
• Automotive – door switches, engine position &
speed sensing
• Metering of fluids by sensing rotation of impeller
• Traffic counting & vehicle-type sensing
• Measurement of current in a conductor without
connection
DEVICE MARKING
• ZMY20
ZMY20
ISSUE 3 - JUNE 2007
MAGNETIC FIELD SENSOR
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZMY20TA
7”
12mm
1000 units
ZMY20TC
13”
12mm
4000 units
ORDERING INFORMATION
V = SUPPLY VOLTAGE
V
= OUTPUT VOLTAGE
B
O
+VB
-VB
-VO
+VO
Top View
PINOUT
+VO
+VB
-VO
-VB
Hy
Hx
SOT223S


Similar Part No. - ZMY20

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMY20 ZETEX-ZMY20 Datasheet
3Mb / 7P
Magnetic Field Sensors
logo
Semtech Corporation
ZMY20 SEMTECH-ZMY20 Datasheet
373Kb / 5P
SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMY20 GE-ZMY20 Datasheet
205Kb / 5P
ZENER DIODES
logo
GOOD-ARK Electronics
ZMY20 GOOD-ARK-ZMY20 Datasheet
346Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Diotec Semiconductor
ZMY20 DIOTEC-ZMY20 Datasheet
57Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - ZMY20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
Magnetic field sensor
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
MB35-F12-1N PF-MB35-F12-1N Datasheet
436Kb / 3P
Magnetic field sensor
2022-03-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com