Electronic Components Datasheet Search
  English  ▼

X  

LC33832P Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC33832P
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832P Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC33832P Datasheet HTML 1Page - Sanyo Semicon Device LC33832P Datasheet HTML 2Page - Sanyo Semicon Device LC33832P Datasheet HTML 3Page - Sanyo Semicon Device LC33832P Datasheet HTML 4Page - Sanyo Semicon Device LC33832P Datasheet HTML 5Page - Sanyo Semicon Device LC33832P Datasheet HTML 6Page - Sanyo Semicon Device LC33832P Datasheet HTML 7Page - Sanyo Semicon Device LC33832P Datasheet HTML 8Page - Sanyo Semicon Device LC33832P Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LC33832P, S, M, PL, SL, ML-70/80/10
No. 4430-4/9
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Note
Maximum supply voltage
VCC max
–1.0 to +7.0
V
1
Input voltage
VIN
–1.0 to +7.0
V
1
Output voltage
VOUT
–1.0 to +7.0
V
1
Allowable power dissipation
Pd max
600
mW
1
Output short-circuit current
IOUT
50
mA
1
Operating temperature
Topr
0 to +70
°C
1
Storage temperature
Tstg
–55 to +150
°C
1
Note: 1) Stresses greater than the above listed maximum values may result in damage to the device.
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
min
typ
max
Unit
Note
Supply voltage
VCC
4.5
5.0
5.5
V
2
Input high level voltage
VIH
2.4
6.5
V
2
Input low level voltage
VIL
–1.0
+0.8
V
2
Note: 2) All voltages are referenced to GND.
DC Electrical Characteristics at Ta = 0 to +70°C, VCC = 5V±10%
Parameter
Symbol
Conditions
min
max
Unit
Note
Operating current
ICCA
Average current during operation
70ns
65
Access
80ns
60
mA
3,4
time
100ns
50
Standby current 1
ICCS1
CE = OE/RFSH = VIH
1
mA
Standby current 2
ICCS2
CE = OE/RFSH = VCC –0.2V
LC33832P, S, M
1
mA
LC33832PL, SL, ML
100
µA
Self-refresh current
ICCSR
CE = VCC–0.2V, OE/RFSH = 0.2V
LC33832P, S, M
1
mA
LC33832PL, SL, ML
100
µA
Input leakage current
IIL
0V
≤V
IN≤VCC, pins other than test pin = 0V
–10
+10
µA
Output leakage current
IOL
DOUT disable, 0V≤VOUT≤VCC
–10
+10
µA
Output high level voltage
VOH
IOUT = –5mA
2.4
V
Output low level voltage
VOL
IOUT = 4.2mA
0.4
V
Note: 3) All current values are measured at minimal cycle rate. Since current flows immoderately, cycle times may become longer
and shorter than shown here.
4) Dependent on output load. Maximum value is value during free state.
Input/Output Capacitance Characteristics at Ta = 25°C, f = 1MHz, VCC = 5V±10%
Parameter
Symbol
min
max
Unit
Test conditions
Input capacitance (A0 to A14)
CIN1
5
pF
VIN1 = 0 V
Input capacitance (CE, OE/RFSH, WE) CIN2
7
pF
VIN2 = 0 V
Input/output capacitance
CI/O
10
pF
VI/O = 0 V
Sampling inspections, and not full-lot inspections, are carried out for these parameters.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com