Electronic Components Datasheet Search
  English  ▼

X  

LC33832P Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC33832P
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832P Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC33832P Datasheet HTML 1Page - Sanyo Semicon Device LC33832P Datasheet HTML 2Page - Sanyo Semicon Device LC33832P Datasheet HTML 3Page - Sanyo Semicon Device LC33832P Datasheet HTML 4Page - Sanyo Semicon Device LC33832P Datasheet HTML 5Page - Sanyo Semicon Device LC33832P Datasheet HTML 6Page - Sanyo Semicon Device LC33832P Datasheet HTML 7Page - Sanyo Semicon Device LC33832P Datasheet HTML 8Page - Sanyo Semicon Device LC33832P Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LC33832P, S, M, PL, SL, ML-70/80/10
No. 4430-5/9
AC Electrical Characteristics at Ta = 0 to +70°C, VCC 5V±10% (Notes 5, 6, 7, 8, 9)
LC33832P, S, M, PL, SL, ML
Parameter
Symbol
-70
-80
-10
Unit
Note
min
max
min
max
min
max
Random read,
tRC
115
130
160
ns
write cycle time
Read-write cycle time
tRMW
165
195
240
ns
CE pulse width
tCE
70 10000
80 10000
100 10000
ns
CE precharge time
tP
35
40
50
ns
CE access time
tCEA
70
80
100
ns
OE access time
tOEA
30
35
40
ns
CE output enable time
tCLZ
10
10
10
ns
OE output enable time
tOLZ
0
0
0
ns
WE output enable time
tWLZ
0
0
0
ns
CE output disable time
tCHZ
0
20
0
25
0
30
ns
10
OE output disable time
tOHZ
0
20
0
25
0
30
ns
10
WE output disable time
tWHZ
0
20
0
25
0
30
ns
10
OE hold time for CE
tOHC
0
0
0
ns
OE setup time for CE
tOSC
10
10
10
ns
Read command setup time
tRCS
0
0
0
ns
Read command hold time
tRCH
0
0
0
ns
Write pulse width
tWP
55
60
70
ns
Write command hold time
tWCH
55
60
70
ns
Write command lead time
tCWL
55
60
70
ns
Input data setup time for WE
tDSW
30
35
40
ns
11
Input data setup time for CE
tDSC
30
35
40
ns
11
Input data hold time for WE
tDHW
0
0
0
ns
11
Input data hold time for CE
tDHC
0
0
0
ns
11
Address setup time for CE
tASC
0
0
0
ns
12
Address hold time for CE
tAHC
15
20
25
ns
12
Auto-refresh cycle time
tFC
115
130
160
ns
RFSH delay time for CE
tRFD
35
40
50
ns
RFSH pulse width (auto-refresh)
tFAP
75
8000
80
8000
80
8000
ns
13
RFSH precharge time
tFP
30
30
30
ns
13
(auto-refresh)
RFSH active CE delay time
tFCE
135
160
190
ns
13
(auto-refresh)
RFSH pulse width (self-refresh)
tFAS
8000
8000
8000
ns
13
RFSH precharge CE delay time
tFRS
135
160
190
ns
13
(self-refresh)
Refresh time
tREF
4
4
4
ms
Rise and fall time
tT
3
50
3
50
3
50
ns
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com