Electronic Components Datasheet Search
  English  ▼

X  

ADE-92+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # ADE-92+
Description  Frequency Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-92+ Datasheet(HTML) 3 Page - Mini-Circuits

  ADE-92+ Datasheet HTML 1Page - Mini-Circuits ADE-92+ Datasheet HTML 2Page - Mini-Circuits ADE-92+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Performance Charts
ADE-92+
ADE-92+
CONVERSION LOSS
5.6
6.0
6.4
6.8
7.2
7.6
8.0
8.4
8.8
400
500
600
700
800
900
RF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
at IF freq of 70MHz
ADE-92+
L-R ISOLATION
34
36
38
40
42
44
46
48
50
400
500
600
700
800
900
LO FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-92+
L-I ISOLATION
20
22
24
26
28
30
32
34
36
400
500
600
700
800
900
LO FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-92+
RF VSWR
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
400
500
600
700
800
900
RF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-92+
LO VSWR
1
5
9
13
17
21
25
29
33
400
500
600
700
800
900
LO FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-92+
IF VSWR
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
30
60
90
120
150
IF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm
ADE-92+
IP3
10
15
20
25
30
35
40
400
500
600
700
800
900
RF FREQUENCY (MHz)
LO=+4dBm
LO=+7dBm
LO=+10dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com