Electronic Components Datasheet Search
  English  ▼

X  

ADE-92+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-92+
Description  Frequency Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-92+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-92+ Datasheet HTML 1Page - Mini-Circuits ADE-92+ Datasheet HTML 2Page - Mini-Circuits ADE-92+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Level 7 (LO Power +7 dBm) 400 to 900 MHz
Frequency Mixer
ADE-92+
The Big Deal
Product Overview
Key Features
CASE STYLE: CD636
• Excellent IP3: +20dBm with reduced
LO power (+7dBm)
• High LO-RF Isolation across the entire band
• Low cost, miniature size
The ADE-92+ is passive double balanced mixer featuring a FET quad in a ring configuration providing high
dynamic range performance in a small, low cost, RoHS-compliant package. The ADE-92+ provides RF/LO
response from 400 to 900 MHz and IF response from DC to 150 MHz. It is especially useful in systems where
cost and performance are critical, such as GSM cellular system applications. This mixer is ideal for upconverter
and downconverter applications and does not require external matching components or DC power.
Feature
Advantages
High IP3, +20 dBm typ. with reduced LO
power requirement.
Allows for improved dynamic range, a critical factor in receiver applications.
Low conversion loss, 7 dB typ.
Enables lower NF front ends, which can improve system sensitivity.
High LO to RF isolation, 39 dB typ.
Reduced levels of unwanted responses that can interfere with system
performance.
Broadband matching
The IF port VSWR is less than 1.6 to 1 over the specified frequency range, which
simplifies impedance matching with adjoining components.
Insensitive to LO power level variations Allows the use of an LO amplifier with less stringent gain flatness, enabling the
use of lower cost amplifiers.
Small package
0.310” x 0.220” x 0.162”
Enables high density packaging.


Similar Part No. - ADE-92+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-92LH MINI-ADE-92LH Datasheet
501Kb / 3P
Frequency Mixer
ADE-92LH+ MINI-ADE-92LH+ Datasheet
465Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
ADE-92MH+ MINI-ADE-92MH+ Datasheet
501Kb / 3P
Frequency Mixer
More results

Similar Description - ADE-92+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
ZMX-7GHR MINI-ZMX-7GHR Datasheet
309Kb / 2P
Frequency Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com