Electronic Components Datasheet Search
  English  ▼

X  

MPC5668E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5668E
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5668E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5668X
Rev. 5, 01/2011
© Freescale Semiconductor, Inc., 2010, 2011. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5668x
MAPBGA–208
17 mm x 17 mm
MAPBGA–256
17 mm x 17 mm
MPC5668x features:
• 32-bit CPU core complex (e200z650)
– Compliant with Power Architecture embedded category
– 32 KB unified cache with line locking and eight-entry
store buffer16
– Execution speed static to 116 MHz
• 32-bit I/O processor (e200z0)
– Execution speed static to 1/2 CPU core speed (58 MHz)
• 2 MB on-chip flash
– Supports read during program and erase operations, and
multiple blocks allowing EEPROM emulation
• 512 KB + 80 KB (592 KB) on-chip ECC SRAM
(MPC5668G)
• 128 KB on-chip ECC SRAM (MPC5668E)
• 16-entry Memory Protection Unit (MPC5668E only)
• Direct memory access controller
– 16-channel on MPC5668G
– 32-channel on MPC5668E
• Fast ethernet controller
– Supports 10-Mbps and 100-Mbps IEEE 802.3 MII,
10-Mbps 7-wire interface
– IEEE 802.3 MAC (compliant with IEEE 802.3 1998
edition)
• Media Local Bus (MLB) interface (MPC5668G only)
– Supports 16 logical channels, max speed 1024 Fs
• Interrupt controller (INTC) supports 316 external interrupt
vectors (22 are reserved)
• System clocks
– Frequency-modulated phase-locked loop (FMPLL)
– 4–40MHz crystal oscillator (XTAL)
– 32 kHz crystal oscillator (XTAL)
– Dedicated 16 MHz and 128 kHz internal RC oscillators
• Analog to Digital Converter (ADC) module
– 10-bit A/D resolution
– 32 external channels
– 36 internal channels (MPC5668G)
– 64 internal channels (MPC5668E)
• Cross-Triggering Unit (MPC5668E only)
– Internal conversion triggering for ADC
– Triggerable by internal timers or eMIOS200
• Deserial Serial Peripheral Interface (DSPI)
– Four individual DSPI modules
– Full duplex, synchronous transfers
– Master or slave operation
• Inter-IC communication (I2C) interface
– Four individual I2C modules
– Multi-master operation
• Serial Communication Interface (eSCI) module
– Two-channel DMA interface
– Configurable as LIN bus master
• eMIOS200 timed input/output
– 24 channels, 16-bit timers (MPC5668G)
– 32 channels, 16-bit timers (MPC5668E)
• Controller Area Network (FlexCAN) module
– Compliant with CAN protocol specification, Version
2.0B active
– 64 mailboxes, each configurable as transmit or receive
• Dual-channel FlexRay controller
– Full implementation of FlexRay Protocol Specification
2.1, RevA
– 128 message buffers
• JTAG controller (MPC5668G only)
– Compliant with the IEEE 1149.1-2001
• Nexus Development Interface (NDI)
– Available in 256 MAPBGA package only
– Compliant with IEEE-ISTO 5001-2003
– Nexus class 3 development support on e200z650
– Nexus class 2+ development support on e200z0
• Internal voltage regulator allows operation from single
3.3 V or 5 V supply
MPC5668x Microcontroller
Data Sheet


Similar Part No. - MPC5668E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5668E NXP-MPC5668E Datasheet
1Mb / 66P
MPC5668x Microcontroller
Rev. 7, 01/2022
More results

Similar Description - MPC5668E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MPC5668X FREESCALE-MPC5668X Datasheet
2Mb / 66P
MPC5668x Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
MPC5668x Microcontroller Data Sheet
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
MPC5604E Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
MPC5668X NXP-MPC5668X Datasheet
1Mb / 66P
MPC5668x Microcontroller
Rev. 7, 01/2022
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com