Electronic Components Datasheet Search
  English  ▼

X  

MPC5668E Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5668E
Description  MPC5668x Microcontroller Data Sheet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5668E Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5668E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5668E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MPC5668x Microcontroller Data Sheet, Rev. 5
Freescale Semiconductor
2
Table of Contents
1
Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
1.1
Orderable Parts. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
2
MPC5668x Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . .4
3
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
3.1
208-ball MAPBGA Pin Assignments . . . . . . . . . . . . . . . .6
3.2
256-ball MAPBGA Pin Assignments . . . . . . . . . . . . . . . .7
3.3
Pin Muxing and Reset States . . . . . . . . . . . . . . . . . . . . .8
3.3.1
Power and Ground Supply Summary . . . . . . . .25
4
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
4.1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
4.2
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . .27
4.2.1
General Notes for Specifications at Maximum
Junction Temperature . . . . . . . . . . . . . . . . . . . .27
4.3
ESD Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .30
4.4
VRC Electrical Specifications . . . . . . . . . . . . . . . . . . . .30
4.5
DC Electrical Specifications . . . . . . . . . . . . . . . . . . . . .30
4.6
Operating Current Specifications
. . . . . . . . . . . . . .32
4.7
I/O Pad Current Specifications . . . . . . . . . . . . . . . . . . .34
4.7.1
I/O Pad VDD33 Current Specifications . . . . . . . .35
4.8
Low Voltage Characteristics . . . . . . . . . . . . . . . . . . . . 36
4.9
Oscillators Electrical Characteristics . . . . . . . . . . . . . . 36
4.10 FMPLL Electrical Characteristics. . . . . . . . . . . . . . . . . 38
4.11 ADC Electrical Characteristics. . . . . . . . . . . . . . . . . . . 39
4.12 Flash Memory Electrical Characteristics . . . . . . . . . . . 39
4.13 Pad AC Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 40
4.14 AC Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
4.14.1 Reset and Boot Configuration Pins . . . . . . . . . 43
4.14.2 External Interrupt (IRQ) and Non-Maskable
Interrupt (NMI) Pins . . . . . . . . . . . . . . . . . . . . . 43
4.14.3 JTAG (IEEE 1149.1) Interface . . . . . . . . . . . . . 44
4.14.4 Nexus Debug Interface. . . . . . . . . . . . . . . . . . . 47
4.14.5 Enhanced Modular I/O Subsystem (eMIOS) . . 49
4.14.6 Deserial Serial Peripheral Interface (DSPI) . . . 50
4.14.7 MLB Interface . . . . . . . . . . . . . . . . . . . . . . . . . . 55
4.14.8 Fast Ethernet Interface . . . . . . . . . . . . . . . . . . 57
5
Package Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
5.1
Package Mechanical Data . . . . . . . . . . . . . . . . . . . . . . 61
6
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 1. MPC5668G/MPC5668E Comparison
Feature
MPC5668G
MPC5668E
Package
208 MAPBGA
256 MAPBGA
208 MAPBGA
256 MAPBGA
RAM with ECC
592 KB
128 KB
MPU
No
16 entry
DMA
16-channel
32-channel
Ethernet (FEC)
Yes
No
MediaLB (MLB-DIM)
Yes
No
FlexRay
Yes (128 Message Buffers)
No
ADC (10-bit)
36 internal channels
Supports 32 external channels
64 internal channels
Supports 32 external channels
Total Timer I/O (eMIOS200)
24 channels, 16-bit
32 channels, 16-bit
Cross Trigger Unit (CTU)
No
Yes
SCI (eSCI)
6
12
SPI (DSPI)
4
4
CAN (FlexCAN)
6
5
I2C4
4
Nexus3 Debug (e200Z6)
Nexus2+ Debug (e200Z0)
—
Supported on 256BGA
emulation package
—
Supported on 256BGA
emulation package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com