Electronic Components Datasheet Search
  English  ▼

X  

ZTL431AFTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTL431AFTA
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431AFTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTL431AFTA Datasheet HTML 1Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 2Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 3Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 4Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 5Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 6Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 7Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 8Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
2 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages specified are relative to the ANODE pin unless otherwise stated)
Parameter
Rating
Unit
Cathode Voltage (VKA)
20
V
Continuous Cathode Current (IKA)
150
mA
Reference Input Current Range (IREF)
-50µA to 10mA
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Operation above the absolute maximum rating may cause device failure.
Operation at the absolute maximum ratings, for extended periods, may reduce device reliability.
Package Thermal Data
Package
θ
JA
PDIS
TA = 25°C, TJ = 150°C
SOT23
380°C/W
330 mW
SOT23F
138°C/W
900 mW
SOT23-5
250°C/W
500 mW
SOT70-6
380°C/W
330mW
Recommended Operating Conditions
Min
Max
Units
VKA
Cathode Voltage
VREF
20
V
IKA
Cathode Current
1
100
mA
TA
Operating Ambient Temperature Range
-40
125
°C
Electrical Characteristics (Test conditions unless otherwise specified: TA = 25°C)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VREF
Reference voltage
VKA = VREF
IKA = 10mA
ZTL43_A
2.475
2.5
2.525
V
ZTL43_B
2.487
2.5
2.513
VDEV
Deviation of reference
voltage over full
temperature range
VKA = VREF
IKA = 10 mA
TA = 0 to 70°
6
16
mV
TA = -40 to 85°C
14
34
TA = -40 to 125°C
14
34
ΔV
REF
ΔV
KA
Ratio of change in
reference voltage
to the change in
cathode voltage
IKA = 10mA
VKA = VREF to 10
-1.4
-2.7
mV/V
VKA = 10V to 20V
-1.0
-2.0
IREF
Reference input current
IKA = 10mA, R1 = 10kΩ
R2 = OC
2
4
µA
ΔI
REF
IREF deviation over full
temperature range
IKA = 10mA
R1 = 10kΩ
R2 = OC
TA = 0 to 70°C
0.8
1.2
µA
TA = -40 to 85°C
0.8
2.5
TA = -40 to 125°C
0.8
2.5
IKA(MIN)
Minimum cathode
current for regulation
VKA = VREF
0.4
0.6
mA
IKA(OFF)
Off state current
VKA = 20V, VREF = 0V
0.1
0.5
µA
RZ
Dynamic output
impedance
VKA = VREF, f = 0Hz
0.2
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com