Electronic Components Datasheet Search
  English  ▼

X  

ZTL431AFTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZTL431AFTA
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431AFTA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZTL431AFTA Datasheet HTML 1Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 2Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 3Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 4Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 5Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 6Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 7Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 8Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
4 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics (Cont.)
IKA
IKA
IKA
VKA
VKA
VREF <VKA <20, IKA =10mA, TA =25°C
VKA
VKA
Stability Boundary Condition
0
10
20
30
40
50
60
70
80
90
100
10.0E-12
100.0E-12
1.0E-9
10.0E-9
100.0E-9
1.0E-6
Load Capacitance (F)
Gain vs. Frequency
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
Frequency (Hz)
Stable
ab e
e
Stable
Pulse Response
Test Circuit for Stabilty Boundary Conditions
Test Circuit for Pulse Response
Test Circuit for Open Loop Voltage Gain



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com