Electronic Components Datasheet Search
  English  ▼

X  

LC5739 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC5739
Description  4-Bit Microcontroller with LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5739 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC5739 Datasheet HTML 9Page - Sanyo Semicon Device LC5739 Datasheet HTML 10Page - Sanyo Semicon Device LC5739 Datasheet HTML 11Page - Sanyo Semicon Device LC5739 Datasheet HTML 12Page - Sanyo Semicon Device LC5739 Datasheet HTML 13Page - Sanyo Semicon Device LC5739 Datasheet HTML 14Page - Sanyo Semicon Device LC5739 Datasheet HTML 15Page - Sanyo Semicon Device LC5739 Datasheet HTML 16Page - Sanyo Semicon Device LC5739 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LC5739
No.6704-13/18
3. Electrical Characteristics at Ta=-30
°C to + 70°C, VSS=0V
Ratings
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
RIN1A
VDD2=2.9V, VIL=0.4V,
Low level hold Tr. Fig.3
*1
150
300
1000
RIN1B
VDD2=2.9V,
Low level pull in Tr. Fig.3
*1
60
150
300
Pull-down transistor
RIN2
VDD2=2.9V, TEST, RES
10
300
Pull-up transistor
RIN3A
VDD2=2.9V,
High level hold Tr. Fig.11
*1
200
600
2000
k
Ω
Output high voltage
VOH1
VDD2=2.9V, IOH=-0.4
µA
*2 VDD2-0.2
Output low voltage
VOL1
VDD2=2.9V, IOL=0.4
µA
*2
0.2
Output high voltage
VOH2
VDD2=2.9V, IOH=-4
µA, COM1-4
VDD2-0.2
Output middle voltage
VOM
VDD2=2.9V, IOH=-4
µA, IOL=4µA,
COM1-4
VDD2/2
-0.2
VDD2/2
+0.2
Output low voltage
VOL2
VDD2=2.9V, IOL=4
µA, COM1-4
0.2
Output high voltage
VOH3
VDD2=2.4V, IOH=-250
µA, ALM1
VDD2-0.65
Output low voltage
VOL3
VDD2=2.4V, IOL=250
µA, ALM1
0.65
Output high voltage
VOH4
VDD2=2.4V, IOH=-150
µA, LIGHT
VDD2-1.5
Output low voltage
VOL4
VDD2=2.4V, IOL=150
µA, LIGHT
1.5
Output high voltage
VOH5
VDD2=2.9V, IOH=-40
µA
*3 VDD2-0.4
Output low voltage
VOL5
VDD2=2.9V, IOL=40
µA
*3
0.4
V
Output high current
IOH
VDD2=2.9V, VOH=VDD2-0.4V
*4
-450
Output low current
IOL
VDD2=2.9V, VOL=0.4V
*4
450
µA
Step-down voltage
VDD1
VDD2=2.8V, C1=C2=0.1
µF,
fopg=32.768kHz, Fig.8
1.35
V
Current dissipation
(In Halt mode)
IDD1
VDD2=2.9V, C1=C2=0.1
µF, Fig.8,
Crystal osc (CI
≤25kΩ),
Back-up flag OFF, Ta
≤50°C
0.8
2.0
Current dissipation
(In Operating mode)
IDD2
VDD2=2.9V, C1=C2=0.1
µF, Fig.8,
Crystal osc (CI
≤25kΩ),
Back-up flag OFF, Ta
≤50°C
1.5
5.0
µA
Oscillator start-up
voltage
Vstt
Crystal osc (CI
≤25kΩ),
Back-up flag ON, Ta=25°C, Fig.10
2.70
Oscillator sustaining
voltage
VHOLD
Crystal osc (CI
≤25kΩ),
Back-up flag OFF, Ta=25°C, Fig.10
1.3
V
Oscillator start-up time
tstt
VDD2=2.70V
Crystal osc (CI
≤25kΩ),
Back-up flag ON, Ta=25°C, Fig.10
10
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com