Electronic Components Datasheet Search
  English  ▼

X  

LC5739 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC5739
Description  4-Bit Microcontroller with LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5739 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC5739 Datasheet HTML 1Page - Sanyo Semicon Device LC5739 Datasheet HTML 2Page - Sanyo Semicon Device LC5739 Datasheet HTML 3Page - Sanyo Semicon Device LC5739 Datasheet HTML 4Page - Sanyo Semicon Device LC5739 Datasheet HTML 5Page - Sanyo Semicon Device LC5739 Datasheet HTML 6Page - Sanyo Semicon Device LC5739 Datasheet HTML 7Page - Sanyo Semicon Device LC5739 Datasheet HTML 8Page - Sanyo Semicon Device LC5739 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LC5739
No.6704-2/18
(5) LCD driver
Drivable LCD panel
Number of drivable LCD segment output
1/2 bias 1/4 duty
128 segments
1/2 bias 1/3 duty
96 segments
1/2 bias 1/2 duty
64 segments
STATIC
32 segments
(Possible to use output port by mask option.)
- Built-in Step-up / Step-down circuit
(6) Melody/Buzzer
- Melody function
Octave
: 3 octaves
Time of musical note
: specified by program
- Buzzer output
(7) Base timer
- 15-bit base timer for timekeeping
(8) HALT release
- Five vectors
1. 15-bit base timer (500ms overflow output)
2. 15-bit base timer (output every 32ms)
3. S-port
4. P1-port
5. 1/10 second pulse
(9) Stand-by mode
- HALT mode
The program operation will be stopped in this mode. This mode is released by system reset and 5 vectors for HALT
release above-mentioned.
(10) System reset
- RES terminal
- Reset by setting S1 to S4 terminals to “H” level simultaneously.
(11) Oscillation
- 32.768kHz crystal oscillation
- RC oscillation
(12) Power supply
- Ag-battery
: VDD1-VSS=1.30V to 1.65V, Step-up voltage (VDD2-VSS=2.4V to 3.3V)
- Li-battery
: VDD2-VSS=2.60V to 3.60V, Step-down voltage (VDD1-VSS=1.3V to 1.8V)
- External voltage supply : VDD2-VSS=2.00V to 3.60V, Step-down voltage (VDD1-VSS=1.3V to 1.8V)
(13) Shipping form
- Bare chip, QFP64
(14) The development tool
- Evaluation chip
: LC5797
- Emulator
: EVA510 + TB5739 + DCB-1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com