Electronic Components Datasheet Search
  English  ▼

X  

LC5822 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC5822
Description  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5822 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC5822 Datasheet HTML 9Page - Sanyo Semicon Device LC5822 Datasheet HTML 10Page - Sanyo Semicon Device LC5822 Datasheet HTML 11Page - Sanyo Semicon Device LC5822 Datasheet HTML 12Page - Sanyo Semicon Device LC5822 Datasheet HTML 13Page - Sanyo Semicon Device LC5822 Datasheet HTML 14Page - Sanyo Semicon Device LC5822 Datasheet HTML 15Page - Sanyo Semicon Device LC5822 Datasheet HTML 16Page - Sanyo Semicon Device LC5822 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
These electrical characteristics are provisional and the values are subject to change.
Ag Specifications
No. 5944-13/24
LC5824, LC5823, LC5822
Parameter
Symbol
Conditions and applicable pins
Ratings
Unit
min
typ
max
VDD
–0.3
+4.0
V
VDD1
–0.3
+4.0
V
Maximum supply voltage
VDD2
–0.3
+5.5
V
VDD3
For 1/3-bias LCD drive techniques
–0.3
+4.0
V
VDD3
For LCD drive techniques other than 1/3 bias
–0.3
+4.0
V
S1 to S4, K1 to K4, M1 to M4, A1 to A4, SO1 to SO4,
Maximum input voltage
VIN1
RES,TST
–0.3
VDD + 0.3
V
M1 to M4, A1 to A4, SO1 to SO4, ALM, CUP2
VOUT1
(With M1 to M4, A1 to A4, and SO1 to SO4 in input mode)
–0.3
+0.3
V
Maximum output voltage
VOUT2
SEGOUT, COM1 to COM4, CUP1
–0.3
VDD3 + 0.3
V
Operating temperature
Topg
–20
+65
°C
Storage temperature
Tstg
–30
+125
°C
Absolute Maximum Ratings at Ta = 25°C ±2°C, VSS = 0 V
Parameter
Symbol
Conditions and applicable pins
Ratings
Unit
min
typ
max
VDD
VBAK = VDD1
1.3
1.65
V
VDD1
Supply voltage
VDD2
2.4
3.3
V
VDD3
For 1/3-bias LCD drive techniques
3.7
4.95
V
VDD3
For LCD drive techniques other than 1/3 bias
2.4
3.3
S1 to S4, K1 to K4, M1 to M4, A1 to A4, SO1 to SO4,
High-level input voltage
VIH
(With M1 to M4, A1 to A4, and SO1 to SO4 in input mode)
VDD – 0.2
VDD
V
RES
S1 to S4, K1 to K4, M1 to M4, A1 to A4, SO1 to SO4,
Low-level input voltage
VIL
(With M1 to M4, A1 to A4, and SO1 to SO4 in input mode)
0
0.2
V
RES
Operating frequency
fopg
Ta = –20 to +65°C
32
33
kHz
Allowable Operating Ranges at Ta = 25°C ±2°C, VSS = 0 V
Parameter
Symbol
Conditions and applicable pins
Ratings
Unit
min
typ
max
RIN1A
VDD = 1.5 V, Low level hold transistor
50
500
k
Ω
VIN = 0.35 VDD *1 Figure 1
RIN1B
VDD = 1.5 V, Programmable pull-down resistor
50
1000
k
Ω
VIN = 0.7 VDD *1 Figure 1
Input resistance
RIN2A
VDD = 1.5 V, Low level hold transistor
50
500
k
Ω
VIN = 0.35 VDD, Input mode *2, Figure 1
RIN2B
VDD = 1.5 V, Programmable pull-down resistor
50
1000
k
Ω
VIN = 0.7 VDD, Input mode *2, Figure 1
RIN3
VDD = 1.5 V, The RES pin pull-up/pull-down resistor
10
300
k
Ω
VIN = 0.7 VDD/0.3 VDD
High-level output voltage
VOH1
VDD = 1.3 V, IOH = –250 µA, ALM
VDD – 0.65
V
Low-level output voltage
VOL1
VDD = 1.3 V, IOL = 250 µA, ALM
0.65
V
VDD = 1.5 V, M1 to 4, A1 to 4, SO1 to 4
High-level output voltage
VOH2
IOH = –20 µA,
VDD – 0.2
V
(With M1 to M4, A1 to A4, and SO1 to SO4 in output mode)
VDD = 1.5 V, M1 to 4, A1 to 4, SO1 to 4
Low-level output voltage
VOL2
IOL = 20 µA,
0.2
V
(With M1 to M4, A1 to A4, and SO1 to SO4 in output mode)
Electrical Characteristics at Ta = 25°C ±2°C, VSS = 0 V, VDD = VDD1
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com