Electronic Components Datasheet Search
  English  ▼

X  

LC5822 Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC5822
Description  4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC5822 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC5822 Datasheet HTML 16Page - Sanyo Semicon Device LC5822 Datasheet HTML 17Page - Sanyo Semicon Device LC5822 Datasheet HTML 18Page - Sanyo Semicon Device LC5822 Datasheet HTML 19Page - Sanyo Semicon Device LC5822 Datasheet HTML 20Page - Sanyo Semicon Device LC5822 Datasheet HTML 21Page - Sanyo Semicon Device LC5822 Datasheet HTML 22Page - Sanyo Semicon Device LC5822 Datasheet HTML 23Page - Sanyo Semicon Device LC5822 Datasheet HTML 24Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
No. 5944-21/24
LC5824, LC5823, LC5822
Continued from preceding page.
Parameter
Symbol
Conditions and applicable pins
Ratings
Unit
min
typ
max
[1/3 Bias - 1/3 Duty and 1/3 Bias - 1/4 Duty Drive]
High-level output voltage
VOH5
VDD = 3.0 V, IOH = –0.4 µA, SEGOUT
VDD3 + 0.2
V
Middle-level output voltage
VOM1–5
VDD = 3.0 V, IOH = –0.4 µA, IOL = 0.4 µA, SEGOUT
VDD2 – 0.2
VDD2 + 0.2
V
VOM2–5
VDD = 3.0 V, IOH = –0.4 µA, IOL = 0.4 µA, SEGOUT
VDD1 – 0.2
VDD1 + 0.2
V
Low-level output voltage
VOL5
VDD = 3.0 V, IOL = 0.4 µA, SEGOUT
0.2
V
VDD = 3.0 V, IOH = –0.4 µA,
High-level output voltage
VOH6
COM1 to COM3 (in 1/3 duty mode)
VDD3 + 0.2
V
COM1 to COM4 (in 1/4 duty mode)
VDD = 3.0 V, IOH = –0.4 µA, IOL = 0.4 µA,
VOM1–6
COM1 to COM3 (in 1/3 duty mode)
VDD2 – 0.2
VDD2 + 0.2
V
COM1 to COM4 (in 1/4 duty mode)
Middle-level output voltage
VDD = 3.0 V, IOH = –0.4 µA, IOL = 0.4 µA,
VOM2–6
COM1 to COM3 (in 1/3 duty mode)
VDD1 – 0.2
VDD1 + 0.2
V
COM1 to COM4 (in 1/4 duty mode)
Low-level output voltage
VOL6
VDD = 3.0 V, IOL = 0.4 µA
0.2
V
[Output Voltage]
LCD drive method: 1/3 bias
(halver)
VDD1
VDD = 3.0 V, fopg = 32.768 kHz,
1.35
V
C1 to C4 = 0.1 µF, Figure 6
(tripler)
VDD3
VDD = 3.0 V, fopg = 32.768 kHz,
4.1
V
C1 to C4 = 0.1 µF, Figure 6
LCD drive method: 1/2 bias
(halver)
VDD1
VDD = 3.0 V, fopg 32.768 kHz, C1 = C2 = 0.1 µF, Figure 7
1.35
V
[Current Drain (With the backup flag cleared)]
LCD drive method: 1/3 bias
| IDD |
VDD = 3.0 V, Halt mode, C1 to C4 = 0.1 µF, CI = 25 kΩ
5.0
µA
Co = Cg = 20 pF, 32.768 kHz Xtal, Figure 6
LCD drive methods other than
| IDD |
VDD = 3.0 V, Halt mode, C1 to C2 = 0.1 µF, CI = 25 kΩ,
5.0
µA
1/3 bias
Figure 7, Co = Cg = 20 pF, 32.768 kHz, Xtal
Oscillator start voltage
Vstt
VDD = VDD2, CI = 25 kΩ, Figure 4,
2.2
V
Co = Cg = 20 pF, 32.768 kHz Xtal
Oscillator hold voltage
VHOLD
VDD = VDD2, CI = 25 kΩ, , Figures 5, 6, 7, and 8,
2.0
V
(with the backup flag cleared)
Co = Cg = 20 pF, 32.768 kHz Xtal
Oscillator start time
Tstt
VDD = VDD2 = 2.2 V, CI = 25 kΩ, Figure 4
10
sec
Co = Cg = 20 pF, 32.768 kHz Xtal
Oscillator correction capacitance
10P
XC
8
10
12
pF
20P
XTOUT
16
20
24
pF
Note : 1. S1 to 4, K1 to 4
2. M1 to 4, A1 to 4, SO1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com