Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1009 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1009
Description  HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1009 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1009 Datasheet HTML 1Page - Diodes Incorporated ZXCT1009 Datasheet HTML 2Page - Diodes Incorporated ZXCT1009 Datasheet HTML 3Page - Diodes Incorporated ZXCT1009 Datasheet HTML 4Page - Diodes Incorporated ZXCT1009 Datasheet HTML 5Page - Diodes Incorporated ZXCT1009 Datasheet HTML 6Page - Diodes Incorporated ZXCT1009 Datasheet HTML 7Page - Diodes Incorporated ZXCT1009 Datasheet HTML 8Page - Diodes Incorporated ZXCT1009 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZXCT1009 is a high side current sense monitor.
Using this device eliminates the need to disrupt the
ground plane when sensing a load current.
It takes a high side voltage developed across a current
shunt resistor and translates it into a proportional
output current.
A user defined output resistor scales the output current
into a ground-referenced voltage.
The wide input voltage range of 20V down to as low as
2.5V make it suitable for a range of applications. A
minimum operating current of just 4 A, combined with
its SOT23 package make it a unique solution for
portable battery equipment.
FEATURES
• Low cost, accurate high-side current sensing
• Output voltage scaling
• Up to 2.5V sense voltage
• 2.5V – 20V supply range
• 4µA quiescent current
• 1% typical accuracy
• SOT23 and SM8 packages
APPLICATIONS
• Battery chargers
• Smart battery packs
• DC motor control
• Over current monitor
• Power management
• Level translating
• Programmable current source
ZXCT1009
ISSUE 10 - JULY 2007
HIGH-SIDE CURRENT MONITOR
APPLICATION CIRCUIT
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
PARTMARKING
PACKAGE
ZXCT1009FTA
7”
8mm
3,000 units
109
SOT23
ZXCT1009T8TA
7”
12mm
1,000 units
ZXCT1009
SM8
ORDERING INFORMATION


Similar Part No. - ZXCT1009

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009 Datasheet
851Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009 Datasheet
241Kb / 9P
HIGH-SIDE CURRENT MONITOR
ZXCT1009F ZETEX-ZXCT1009F Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009F-7 DIODES-ZXCT1009F-7 Datasheet
203Kb / 8P
HIGH-SIDE CURRENT MONITOR
Rev 12
More results

Similar Description - ZXCT1009

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1009 ZETEX-ZXCT1009_05 Datasheet
851Kb / 8P
HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
High Side Current Monitor
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009_07 Datasheet
241Kb / 9P
HIGH-SIDE CURRENT MONITOR
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
HIGH-SIDE CURRENT MONITOR
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
Supertex, Inc
HV816K6-G SUTEX-HV816K6-G Datasheet
404Kb / 5P
High Side Current Monitor
logo
Unisonic Technologies
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com