Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1009 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1009
Description  HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1009 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1009 Datasheet HTML 1Page - Diodes Incorporated ZXCT1009 Datasheet HTML 2Page - Diodes Incorporated ZXCT1009 Datasheet HTML 3Page - Diodes Incorporated ZXCT1009 Datasheet HTML 4Page - Diodes Incorporated ZXCT1009 Datasheet HTML 5Page - Diodes Incorporated ZXCT1009 Datasheet HTML 6Page - Diodes Incorporated ZXCT1009 Datasheet HTML 7Page - Diodes Incorporated ZXCT1009 Datasheet HTML 8Page - Diodes Incorporated ZXCT1009 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXCT1009
SEMICO NDUC TORS
ISSUE 10 - JULY 2007
3
100µ
1m
10m
100m
1
10µ
100µ
1m
10m
10m
100m
1
-2
-1
0
1
2
3
4
5
-40
-20
0
20
406080
9.4
9.6
9.8
10.0
10.2
0.01
0.1
1
10
-12
-9
-6
-3
0
3
01
23
45
0
2
4
6
8
10
12
1
10
100
1k
10k
100k
1M
10M
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VIN =5V
Tamb = 25°C
ROUT =0W
Typical Output v Sense Voltage
VSENSE (V)
Typical
VIN =5V
Tamb = 25°C
ROUT =0
W
Error v Sense Voltage
VSENSE (V)
VIN =5V
VSENSE =1V
ROUT =0W
Output Current v Temperature
Temperature (°C)
VIN =5V, Tamb =25°C, RF PIN =-20dBm
DC VSENSE =0.1V
DC VSENSE =1V
DC VSENSE =0.01V
Frequency Response
Frequency (MHz)
VIN =5V
Tamb = 25°C
ROUT =0W
VSENSE =0.2V
VSENSE =0.4V
VSENSE =0.6V
VSENSE =0.8V
VSENSE =1V
Transfer Characteristic
VIN - Supply Voltage (V)
VIN =5V
Tamb = 25°C
RF PIN = -20dBm
VSENSE =0.01V
VSENSE =0.1V
VSENSE =1V
Common Mode Rejection
Frequency (Hz)
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com