Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1011 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1011
Description  High-side low drift current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1011 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1011 Datasheet HTML 1Page - Diodes Incorporated ZXCT1011 Datasheet HTML 2Page - Diodes Incorporated ZXCT1011 Datasheet HTML 3Page - Diodes Incorporated ZXCT1011 Datasheet HTML 4Page - Diodes Incorporated ZXCT1011 Datasheet HTML 5Page - Diodes Incorporated ZXCT1011 Datasheet HTML 6Page - Diodes Incorporated ZXCT1011 Datasheet HTML 7Page - Diodes Incorporated ZXCT1011 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1- July 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
ZXCT1011
High-side low drift current monitor
Description
The ZXCT1011 is a high side current sense monitor. Using this type of device eliminates the need
to disrupt the ground plane when sensing a load current.
The ZXCT1011 takes the voltage developed across a current shunt resistor and translates it into a
proportional output current.
A user defined output resistor scales the output current into a ground referenced voltage.
A current reference resistor, external to the IC, results in an improved temperature coefficient
compared to the ZXCT1009.
The wide input voltage range of 20V down to as low as 2.5V make it suitable for a range of
applications. With a minimum operating current of just 4uA, combined with its SOT23-5 package
make it suitable for portable battery equipment too.
Features
■ Accurate high-side current sensing
■ 2.5V to 20V supply range
■ 4 µA quiescent current
■ 1% typical accuracy
■ Package SOT23-5
■ Temperature range -40 to 125°C
Applications
■ Automotive current measurement
■ Battery management
■ DC motor and solenoid control
■ Over current monitor
■ Power management
Typical application circuit
Pin connections
Ordering information
Vin
Load
V
Rsense
ZXCT1011
Vsense+
I out
GND
Vsense-
Rshunt
120
Ω
5
4
2
3
Rout
N/C
Iout
Rshunt
Vsense+
Vsense-
Order code
Pack
Part
mark
Reel Size
inches (mm)
Tape width
Quantity Per
reel
ZXCT1011E5TA
SOT23-5
1011
7 (180)
8mm
3,000


Similar Part No. - ZXCT1011

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
High-side low drift current monitor
ZXCT1011E5TA ZETEX-ZXCT1011E5TA Datasheet
289Kb / 8P
High-side low drift current monitor
More results

Similar Description - ZXCT1011

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
High-side low drift current monitor
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
Low offset high-side current monitor
MARCH 2008
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com