Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1011 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1011
Description  High-side low drift current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1011 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1011 Datasheet HTML 1Page - Diodes Incorporated ZXCT1011 Datasheet HTML 2Page - Diodes Incorporated ZXCT1011 Datasheet HTML 3Page - Diodes Incorporated ZXCT1011 Datasheet HTML 4Page - Diodes Incorporated ZXCT1011 Datasheet HTML 5Page - Diodes Incorporated ZXCT1011 Datasheet HTML 6Page - Diodes Incorporated ZXCT1011 Datasheet HTML 7Page - Diodes Incorporated ZXCT1011 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXCT1011
Issue 1- July 2005
2
www.zetex.com
© Zetex Semiconductors plc 2005
Absolute maximum ratings
Vsense+
20 V
Voltage on any pin
0.6V and Vsense+ +0.5V
Vsense+ to Vsense-
2.5V
Operating temperature
-40 to 125°C
Storage temperature
-55 to 150°C
Maximum junction temperature
150°C
Package power dissipation
300mW at TA = 25°C (De-rate to zero at 150°C)
Operation above the absolute maximum rating may cause device failure. Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
Electrical characteristics
Test conditions TA = 25°C, Vin = 5V, Rshunt = 120 . Vsense=100mV. Unless otherwise stated.
Symbol Parameter
Conditions
Min
Typ.
Max
Units
Vin
*
NOTES:
*Vsense+ relative to Iout.
Supply range
-
2.5
-
20
V
Iout
Output current
Vsense
= 0V
=10mV
=30mV
=100mV
=200mV
=500mV
1
84
273
0.97
1.95
4.85
4
116
320
1.00
2.00
5.00
15
124
330
1.03
2.05
5.15
µA
µA
µA
mA
mA
mA
Vsense
Sense voltage†
†Vsense = (Vsense+) - (Vsense-).
-
0
-
500
mV
Isense -
Vsense- input current
-
-
-
100
nA
Acc
Accuracy
Rsense = 0.1
Vsense = 100mV
-3
-
3
%
gm
Transconductance
Iout/Vsense
Rshunt = 120
-10
-
mA/V
Tc
Temperature coefficient‡
‡ Temperature dependent measurements are extracted from characterization and simulation results.
-
-
30
150
ppm/
° C
BW**
** Where CL is the capacitance across Rout.
Bandwidth
Vsense = 10mV
CL = 5pF, Rout = 1k
Vsense = 100mV
CL = 5pF, Rout = 1k
-400
1.5
-kHz
MHz
PSSR
Supply rejection
Vsense = 200mV, Rout=1k
-68
-
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com