Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1051 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1051
Description  Precision wide input range current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1051 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1051 Datasheet HTML 1Page - Diodes Incorporated ZXCT1051 Datasheet HTML 2Page - Diodes Incorporated ZXCT1051 Datasheet HTML 3Page - Diodes Incorporated ZXCT1051 Datasheet HTML 4Page - Diodes Incorporated ZXCT1051 Datasheet HTML 5Page - Diodes Incorporated ZXCT1051 Datasheet HTML 6Page - Diodes Incorporated ZXCT1051 Datasheet HTML 7Page - Diodes Incorporated ZXCT1051 Datasheet HTML 8Page - Diodes Incorporated ZXCT1051 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXCT1051
Issue 2 - November 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Absolute maximum ratings
VCC max.
20V
Voltage on VSENSE- and VSENSE+
-0.6 to VCC
Voltage on all other pins
-0.6V and VCC +0.6V
VSENSE "(VSENSE+) - (VSENSE-)
500mV
Operating temperature, Tamb
-40 to 125°C
Storage temperature
-55 to 150°C
Maximum junction temperature
150°C
Package power dissipation
300mW at Tamb = 25°C (de-rate to zero at 150°C)
Operation above the absolute maximum rating may cause device failure. Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
Recommended operating conditions
Pin function table
Parameter
Min.
Max.
Units
VSENSE+
Common-mode sense input range
0
VCC-2
V
VCC
Supply voltage range
2.7
20
V
VSENSE
Differential sense input voltage range
0
0.3
V
VOUT
Output voltage range
0
VCC - 2
V
Tamb
Ambient temperature range
-40
125
°C
Pin
Name
Description
1VCC
This is the analog supply and provides power to internal circuitry
2
GND
Ground pin
3
OUT
Output voltage pin.
4VSENSE+
This is the positive input of the current monitor and has an input range from
0V up to VCC – 2V.
5VSENSE-
This is the negative input of the current monitor and has an input range
from 0V up to VCC – 2V. The current through this pin varies with differential
sense voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com