Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1051 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1051
Description  Precision wide input range current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1051 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1051 Datasheet HTML 1Page - Diodes Incorporated ZXCT1051 Datasheet HTML 2Page - Diodes Incorporated ZXCT1051 Datasheet HTML 3Page - Diodes Incorporated ZXCT1051 Datasheet HTML 4Page - Diodes Incorporated ZXCT1051 Datasheet HTML 5Page - Diodes Incorporated ZXCT1051 Datasheet HTML 6Page - Diodes Incorporated ZXCT1051 Datasheet HTML 7Page - Diodes Incorporated ZXCT1051 Datasheet HTML 8Page - Diodes Incorporated ZXCT1051 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXCT1051
Issue 2 - November 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics
Test conditions Tamb = 25°C, VSENSE+ = 10V, VCC = 12V, VSENSE = 100mV
NOTES:
(a) VSENSE = "VSENSE+" - "VSENSE-"
(b) Temperature dependent measurements are extracted from characterization and simulation results.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IQ
VCC pin current
VSENSE = 0V
45
70
µA
VOUT
Output voltage
VSENSE = 0V
=30mV
=100mV
=150mV
0
291
0.98
1.45
6
300
1.00
1.50
15
309
1.02
1.55
mV
mV
V
V
ISENSE+VSENSE+ input current VSENSE = 0V
10
150
nA
ISENSE-VSENSE- input current VSENSE = 0V
60
150
nA
VOUT TC
VOUT variation with
temperature
See note (b)
300
ppm/°C
ROUT
Output resistance
2.5
3.75
5
k
Gain
VOUT/VSENSE
10
Accuracy
Total output error
-2
2
%
BW
Bandwidth
VSENSE(DC)
= 10mV
VSENSE(AC)
= 10mVPP
CL = 5pF,
300
kHz
VSENSE(DC)
= 100mV
1MHz
PSRR
Power supply
rejection ratio refered
to output
VCC = 2.7V to 20V
VSENSE- = 0V
58
dB
CMRR
Common mode
rejection ratio refered
to output
VCC = 20V
VSENSE+ = 0 to 18V
66
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com