Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1081 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1081
Description  HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1081 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1081 Datasheet HTML 1Page - Diodes Incorporated ZXCT1081 Datasheet HTML 2Page - Diodes Incorporated ZXCT1081 Datasheet HTML 3Page - Diodes Incorporated ZXCT1081 Datasheet HTML 4Page - Diodes Incorporated ZXCT1081 Datasheet HTML 5Page - Diodes Incorporated ZXCT1081 Datasheet HTML 6Page - Diodes Incorporated ZXCT1081 Datasheet HTML 7Page - Diodes Incorporated ZXCT1081 Datasheet HTML 8Page - Diodes Incorporated ZXCT1081 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZXCT1081
ZXCT1081
Document number: DS32102 Rev. 1 - 2
1 of 11
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Description
The ZXCT1081 is a high side current sense monitor with a
gain of 10 and a voltage output. Using this device
eliminates the need to disrupt the ground plane when
sensing a load current.
The wide input voltage range of 40V down to as low as 3V
make it suitable for a range of applications; including
systems operating from industrial 24-28V rails and power
supplies.
Pin Assignments
Features
•
3V to 40V continuous high side voltage
•
Accurate high-side current sensing
•
Output voltage scaling x10
•
4.5V to 12V VCC range
•
Low quiescent current:
o
80
μA supply pin
o
30
μA ISENSE+
•
SOT23-5 package
•
-40°C to 125°C ambient temperature range
Applications
•
Automotive current measurement
•
Industrial applications current measurement
•
Battery management
•
Over current monitor
•
Power management
•
Power adapters
Typical Application Circuit
SENSE+
4
SENSE-
5
OUT
3
Vcc
1
GND
2
ZXCT1081
RSENSE
IN
V
CC
V
VOUT
SENSE-
SENSE+
VCC
GND
OUT
1
2
3
5
4


Similar Part No. - ZXCT1081

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081E5TA ZETEX-ZXCT1081E5TA Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081E5TA ZETEX-ZXCT1081E5TA Datasheet
702Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1081Q DIODES-ZXCT1081Q Datasheet
401Kb / 11P
AUTOMOTIVE GRADE 60/40V HIGH-SIDE CURRENT MONITOR
Rev 1
More results

Similar Description - ZXCT1081

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081_0704 ZETEX-ZXCT1081_0704 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080_08 Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1080 DIODES-ZXCT1080 Datasheet
721Kb / 12P
High voltage high-side current monitor
MARCH 2008
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com