Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1081 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1081
Description  HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1081 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1081 Datasheet HTML 1Page - Diodes Incorporated ZXCT1081 Datasheet HTML 2Page - Diodes Incorporated ZXCT1081 Datasheet HTML 3Page - Diodes Incorporated ZXCT1081 Datasheet HTML 4Page - Diodes Incorporated ZXCT1081 Datasheet HTML 5Page - Diodes Incorporated ZXCT1081 Datasheet HTML 6Page - Diodes Incorporated ZXCT1081 Datasheet HTML 7Page - Diodes Incorporated ZXCT1081 Datasheet HTML 8Page - Diodes Incorporated ZXCT1081 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ZXCT1081
ZXCT1081
Document number: DS32102 Rev. 1 - 2
3 of 11
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: TA = 25°C, VIN = 12V, VCC = 5V, VSENSE
(a)
= 100mV unless otherwise stated)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ICC
VCC Supply Current
VCC = 12V
40
80
120
µA
ISENSE+
SENSE+ Input Current
15
30
60
µA
ISENSE-
SENSE- Input Current
10
40
80
nA
VO(0)
Zero VSENSE
(a)
error
(b)
VSENSE
(a)
= 0V
0
35
mV
VO(10)
Output Offset Voltage
(c)
VSENSE
(a)
= 10mV
-30
+30
mV
Gain
ΔVOUT/ΔVSENSE
(a)
VSENSE
(a)
= 10mV to 150mV
9.95
10
10.05
VOUTTC
(d)
VOUT Variation with Temperature
30
ppm/°C
ACC
Total Output Error
-3
3
%
IOH
Output Source Current
VOUT = 30mV
1
mA
IOL
Output Sink Current
VOUT = +30mV
20
µA
PSRR
VCC Supply Rejection Ration
VCC = 4.5V to 12V
54
60
dB
CMRR
Common-Mode Sense Rejection Ratio
VIN + 40V to 3V
60
75
dB
BW
-3dB Small Signal Bandwidth
VSENSE
(a)
(AC) = 10mVpp
50
kHz
Notes:
(a) VSENSE = "VSENSE+" - "VSENSE-"
(b) The ZXCT1081 operates from a positive power rail and the internal voltage-current converter current flow is unidirectional; these result in the
output offset voltage for VSENSE = 0V always being positive.
(c) For VSENSE > 10mV, the internal voltage-current converter is fully linear. This enables a true offset to be defined and used. VO(10) is expressed as
the variance about an output voltage of 100mV>.
(d)Temperature dependent measurements are extracted from characterization and simulation results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com