Electronic Components Datasheet Search
  English  ▼

X  

BFU610F Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFU610F
Description  NPN wideband silicon RF transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFU610F Datasheet(HTML) 3 Page - NXP Semiconductors

  BFU610F Datasheet HTML 1Page - NXP Semiconductors BFU610F Datasheet HTML 2Page - NXP Semiconductors BFU610F Datasheet HTML 3Page - NXP Semiconductors BFU610F Datasheet HTML 4Page - NXP Semiconductors BFU610F Datasheet HTML 5Page - NXP Semiconductors BFU610F Datasheet HTML 6Page - NXP Semiconductors BFU610F Datasheet HTML 7Page - NXP Semiconductors BFU610F Datasheet HTML 8Page - NXP Semiconductors BFU610F Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BFU610F
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 11 January 2011
3 of 12
NXP Semiconductors
BFU610F
NPN wideband silicon RF transistor
4.
Marking
5.
Limiting values
[1]
Tsp is the temperature at the solder point of the emitter lead.
6.
Thermal characteristics
Table 4.
Marking
Type number
Marking
Description
BFU610F
D1*
* = p : made in Hong Kong
* = t : made in Malaysia
* = w : made in China
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
16
V
VCEO
collector-emitter voltage
open base
-
5.5
V
VEBO
emitter-base voltage
open collector
-
2.5
V
IC
collector current
-
10
mA
Ptot
total power dissipation
Tsp ≤ 90 °C
[1] -
136
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
440
K/W
Fig 1.
Power derating curve
Tsp (°C)
0
160
120
40
80
001aam802
100
50
150
200
Ptot
(mW)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com