Electronic Components Datasheet Search
  English  ▼

X  

CBTL06DP211 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # CBTL06DP211
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button CBTL06DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 9Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 10Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 11Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 12Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CBTL06DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 21 February 2011
9 of 18
NXP Semiconductors
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
10. Characteristics
10.1 General characteristics
10.2 DisplayPort channel characteristics
Table 9.
General characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
supply current
operating mode (XSD = HIGH); VDD =3.3 V
-
0.2
1
mA
shutdown mode (XSD = LOW); VDD = 3.3 V
--10
μA
Pcons
power consumption
operating mode (XSD = HIGH); VDD = 3.3 V
--5
mW
tstartup
start-up time
supply voltage valid or XSD going HIGH to
channel specified operating characteristics
--1
ms
trcfg
reconfiguration time
GPU_SEL or DDC_AUX_SEL state change
to channel specified operating characteristics
--1
ms
Table 10.
DisplayPort channel characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VI
input voltage
−0.3
-
+2.6
V
VIC
common-mode input voltage
0
-
2.0
V
VID
differential input voltage
-
-
1.2
V
DDIL
differential insertion loss
channel is on; f = 100 MHz
-
−1.6
-
dB
channel is on; f = 1.5 GHz
-
−2.7
-
dB
channel is off; 0 Hz
≤ f ≤ 1.5 GHz
-
−35
-
dB
DDRL
differential return loss
channel is on; 0 Hz
≤ f ≤ 1.5 GHz
-
−10
-
dB
DDNEXT differential near-end crosstalk
adjacent channels are on;
0Hz
≤ f ≤ 1.5 GHz
-
−40
-
dB
B
bandwidth
−3.0 dB intercept
-
2.0
-
GHz
tPD
propagation delay
from left-side port to right-side port
or vice versa
-100
-ps
tsk(dif)
differential skew time
intra-pair
-
5
-
ps
tsk
skew time
inter-pair
-
-
180
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com