Electronic Components Datasheet Search
  English  ▼

X  

CBTL06DP211 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # CBTL06DP211
Description  DisplayPort Gen1 2 : 1 multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTL06DP211 Datasheet(HTML) 1 Page - NXP Semiconductors

  CBTL06DP211 Datasheet HTML 1Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 2Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 3Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 4Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL06DP211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
CBTL06DP211 is a multi-channel high-speed multiplexer meant for DisplayPort (DP)
v1.1a or Embedded DisplayPort applications operating at data rate of 1.62 Gbit/s or
2.7 Gbit/s. It is designed using NXP proprietary high-bandwidth pass-gate technology and
it can be used for 1 : 2 switching or 2 : 1 multiplexing of four high-speed differential
AC-coupled DP channels. Further, it is capable of switching/multiplexing of Hot Plug
Detect (HPD) signal as well as Auxiliary (AUX) and Display Data Channel (DDC) signals.
In order to support GPUs/CPUs that have dedicated AUX and DDC I/Os, CBTL06DP211
provides an additional level of multiplexing of AUX and DDC signals delivering true
flexibility and choice.
CBTL06DP211 consumes very low current in operational mode (less than 1 mA typical)
and provides for a shutdown function (ultra low current consumption less than 10
μA) to
support power-sensitive or battery-powered applications. It is designed for delivering
optimum performance at DP data rates of 1.62 Gbit/s and 2.7 Gbit/s.
A typical application of CBTL06DP211 is on motherboards where one of two GPU display
sources needs to be selected to connect to a display sink device or connector. A controller
chip selects which path to use by setting a select signal HIGH or LOW. Due to the
non-directional nature of the signal paths (which use high-bandwidth pass-gate
technology), the CBTL06DP211 can also be used in the reverse topology, e.g., to connect
one display source device to one of two display sink devices or connectors.
Optionally, the CBTL06DP211 can be used in conjunction with an HDMI/DVI level shifter
device (PTN3360A/B or PTN3360D) to allow for DisplayPort as well as HDMI/DVI
connectivity.
2.
Features and benefits
1 : 2 switching or 2 : 1 multiplexing of DisplayPort (v1.1a - 1.62 Gbit/s or 2.7 Gbit/s)
4 high-speed differential channels with 2 : 1 multiplexing/switching for DisplayPort
signals
1 channel with 4 : 1 multiplexing/switching for AUX differential signals and DDC
single-ended clock and data signals
1 channel with 2 : 1 multiplexing/switching for single-ended HPD signals
High-bandwidth analog pass-gate technology
Very low lane intra-pair skew (5 ps typical)
Very low inter-pair skew (< 180 ps)
Switch/multiplexer position select CMOS input
Shutdown mode CMOS input
Shutdown mode delivers ultra low power consumption
CBTL06DP211
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1 — 21 February 2011
Product data sheet


Similar Part No. - CBTL06DP211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
CBTL06DP212 NXP-CBTL06DP212 Datasheet
158Kb / 18P
High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
CBTL06DP212EE PHILIPS-CBTL06DP212EE Datasheet
120Kb / 19P
CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
CBTL06DP212EE NXP-CBTL06DP212EE Datasheet
158Kb / 18P
High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
CBTL06DP213 NXP-CBTL06DP213 Datasheet
243Kb / 17P
Third generation high-performance DisplayPort multiplexer
Rev. 4-23 March 2017
More results

Similar Description - CBTL06DP211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06121 NXP-CBTL06121 Datasheet
109Kb / 19P
Gen1 hex display multiplexer
Rev. 01-23 May 2008
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
CBTL06DP212 NXP-CBTL06DP212 Datasheet
158Kb / 18P
High-performance DisplayPort Gen2 2 : 1 multiplexer
Rev. 2 ??3 November 2011
logo
Renesas Technology Corp
9DML2855 RENESAS-9DML2855 Datasheet
527Kb / 19P
2:8 PCIe Gen1–5 Clock Multiplexer
March 16, 2020
logo
NXP Semiconductors
CBTL06141 NXP-CBTL06141 Datasheet
392Kb / 18P
Gen1 display 2 : 1 multiplexer
Rev. 2 - 15 July 2010
logo
Renesas Technology Corp
IDT5V41067A RENESAS-IDT5V41067A Datasheet
386Kb / 14P
2:4 PCIE GEN1/2/3 CLOCK MULTIPLEXER
112211
IDT5V41068A RENESAS-IDT5V41068A Datasheet
360Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
040616
IDT6V31023 RENESAS-IDT6V31023 Datasheet
371Kb / 14P
2:1 PCIE GEN1/2/3 CLOCK MULTIPLEXER
REV B 053112
ICS557-08 RENESAS-ICS557-08 Datasheet
321Kb / 13P
2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS GEN1
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com