Electronic Components Datasheet Search
  English  ▼

X  

AH180 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH180
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH180 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH180 Datasheet HTML 1Page - Diodes Incorporated AH180 Datasheet HTML 2Page - Diodes Incorporated AH180 Datasheet HTML 3Page - Diodes Incorporated AH180 Datasheet HTML 4Page - Diodes Incorporated AH180 Datasheet HTML 5Page - Diodes Incorporated AH180 Datasheet HTML 6Page - Diodes Incorporated AH180 Datasheet HTML 7Page - Diodes Incorporated AH180 Datasheet HTML 8Page - Diodes Incorporated AH180 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
SWITCH
AH180
Document number: DS31023 Rev. 17 - 2
1 of 13
www.diodes.com
July 2010
© Diodes Incorporated
Description
AH180 is
a micro-power
Omnipolar
Hall-Effect switch
designed for portable and battery powered equipment such
cellular phones, PDAs and portable PCs. Based on two Hall-
Effect plates and a chopper stabilized architecture the AH180
provides a reliable solution over the whole operating range.
To support portable and battery powered equipment the
design has been optimized to operate over the supply range
of 2.5V to 5.5V and consumes only 24uW with a supply of 3V.
The single open-drain output switches on with either a north
or south pole of sufficient strength.
When the magnetic flux density (B) is larger than operate
point (Bop), output is switched on (Output pin is pulled low).
The output is turned off when B becomes lower than the
release point (Brp). The output will remain off when there is
no magnetic field.
The AH180 is available in SIP-3L, SC59, DFN2020-3, and
DFN2020-6 packages.
Features
•
Omnipolar (north or south pole) operation
•
Micropower operation
•
Single open drain output
•
2.5V to 5.5V operating voltage
•
Chopper stabilized design provides
•
Superior temperature stability
•
Minimal switch-point drift
•
Enhanced immunity to stress
•
Good RF noise immunity
•
-40
°C to 85°C operating temperature
•
ESD (HBM) > 5KV for DFN2020-6, DFN2020-3
> 6KV for SIP-3L and SC59
•
SIP-3L, SC59 (commonly known as SOT23 in Asia)
DFN2020-6, DFN2020-3 packages
•
Green Molding Compound (No Br, Sb) (Note 1)
Pin Assignments
(Top View)
1. Vdd
2. GND
3. Output
(SIP-3L)
1. Vdd
3.
GND 2.
Output
(Top View)
SC59
1. Vdd
2. NC
3. Output
4. NC
6. NC
5. GND
(Top View)
DFN2020-6
1. Vdd
3. Output
3. GND
( Top View )
DFN2020-3
Applications
•
Cover switch in clam-shell cellular phones
•
Cover switch in Notebook PC/PDA
•
Contact-less switch in consumer products
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AH180

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH180-P DIODES-AH180-P Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH180-SN DIODES-AH180-SN Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH180-W DIODES-AH180-W Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
More results

Similar Description - AH180

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180 DIODES-AH180 Datasheet
148Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
Rev 1
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Diodes Incorporated
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
Rev 1
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH1804-W-7 DIODES-AH1804-W-7 Datasheet
207Kb / 9P
MICROPOWER OMNIPOLAR HALL EFFECT SENSORSWITCH
Rev 2
logo
NANJING AH ELECTRONICS ...
AH3661 AHNJ-AH3661 Datasheet
680Kb / 8P
Micropower Omnipolar Hall Sensor
AH3663 AHNJ-AH3663 Datasheet
643Kb / 8P
Micropower Omnipolar Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com