Electronic Components Datasheet Search
  English  ▼

X  

AH180 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH180
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH180 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH180 Datasheet HTML 1Page - Diodes Incorporated AH180 Datasheet HTML 2Page - Diodes Incorporated AH180 Datasheet HTML 3Page - Diodes Incorporated AH180 Datasheet HTML 4Page - Diodes Incorporated AH180 Datasheet HTML 5Page - Diodes Incorporated AH180 Datasheet HTML 6Page - Diodes Incorporated AH180 Datasheet HTML 7Page - Diodes Incorporated AH180 Datasheet HTML 8Page - Diodes Incorporated AH180 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
SWITCH
AH180
Document number: DS31023 Rev. 17 - 2
3 of 13
www.diodes.com
July 2010
© Diodes Incorporated
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply voltage
7
V
B
Magnetic flux density
Unlimited
Ts
Storage Temperature Range
-65 to +150
°C
PD
Package Power Dissipation
SIP-3L
550
mW
SC59-3L/ DFN2020-6/
DFN2020-3
230
mW
TJ
Maximum Junction Temperature
150
°C
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
Vdd
Supply Voltage
Operating
2.5
5.5
V
TA
Operating Ambient Temperature
Operating
-40
85
°C
Electrical Characteristics (TA = 25 °C, Vdd = 3V; unless otherwise specified)
Symbol
Characteristic
Conditions
Min
Typ.
Max
Unit
Vout
Output On Voltage
Iout =1mA
⎯
0.1
0.3
V
Ioff
Output Leakage Current
Vout =5.5V, Output off
⎯
<
0.1
1
µA
Idd(en)
Supply Current
Chip enable, TA = 25°C, Vdd = 3V
⎯
3
6
mA
Idd(en)
Chip enable, TA = -40~85°C,
Vdd = 2.5~5.5V
⎯
3
9
mA
Idd(dis)
Chip disable, TA = 25°C, Vdd = 3V
⎯
5
10
µA
Idd(dis)
Chip disable, TA = -40~85°C,
Vdd = 2.5~5.5V
⎯
5
15
µA
Idd(avg)
Average supply current,
TA = 25°C, Vdd = 3V
⎯
8
16
µA
Idd(avg)
Average supply current,
TA = -40~85°C, Vdd = 2.5~5.5V
⎯
8
24
µA
Tawake
Awake Time
(Note 2)
⎯
75
125
µs
Tperiod
Period
(Note 2)
⎯
75
125
ms
D.C.
Duty Cycle
⎯
0.1
⎯
%
Notes:
2. When power is initially turned on, Vdd must be within its correct operating range (2.5V to 5.5V) to guarantee the output sampling.
The output state is valid after the second operating phase (typical 150ms).
Idd (dis)
Idd(en)
Tawake
Tperiod
0
Sample and output
latched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com