Electronic Components Datasheet Search
  English  ▼

X  

AH288 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH288
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH288 Datasheet(HTML) 7 Page - Diodes Incorporated

  AH288 Datasheet HTML 1Page - Diodes Incorporated AH288 Datasheet HTML 2Page - Diodes Incorporated AH288 Datasheet HTML 3Page - Diodes Incorporated AH288 Datasheet HTML 4Page - Diodes Incorporated AH288 Datasheet HTML 5Page - Diodes Incorporated AH288 Datasheet HTML 6Page - Diodes Incorporated AH288 Datasheet HTML 7Page - Diodes Incorporated AH288 Datasheet HTML 8Page - Diodes Incorporated AH288 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH288
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH288 Rev. 12
7 of 9
APRIL 2010
DS31040
www.diodes.com
© Diodes Incorporated
Performance Characteristics
(SOT89-5L)
TA (
°C)
25
50
60
70
75
80
85
90
95
100
PD (mW)
800
640
576
512
480
448
416
384
352
320
TA (
°C)
105
110
115
120
125
130
135
140
145
150
PD (mW)
288
256
224
192
160
128
96
64
32
0
P ower Dissipation Curve
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
0
2 55 07 5
10 0
1 2 5
1 50
TA (°C)
PD (mW )
-4 0
Marking Information
(1) SOT89-5L
1
2
3
5
4
288 Y W X
( Top View )
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : Lead Free
a~z : 27~52 week;
z represents 52 and 53 week
A~Z : Green



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com