Electronic Components Datasheet Search
  English  ▼

X  

AH288 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH288
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH288 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH288 Datasheet HTML 1Page - Diodes Incorporated AH288 Datasheet HTML 2Page - Diodes Incorporated AH288 Datasheet HTML 3Page - Diodes Incorporated AH288 Datasheet HTML 4Page - Diodes Incorporated AH288 Datasheet HTML 5Page - Diodes Incorporated AH288 Datasheet HTML 6Page - Diodes Incorporated AH288 Datasheet HTML 7Page - Diodes Incorporated AH288 Datasheet HTML 8Page - Diodes Incorporated AH288 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH288
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH288 Rev. 12
1 of 9
APRIL 2010
DS31040
www.diodes.com
© Diodes Incorporated
•
On chip Hall sensor
•
Rotor-locked shutdown
•
Automatically restart
•
Frequency generator (FG) output
•
Built-in Zener protection for output driver
•
Operating voltage: 3.8V~28V
•
Output current: IO(AVE) = 400mA
•
Lead Free Package: SOT89-5L (Note 1)
•
SOT89-5L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 2)
AH288 is a monolithic fan motor controller with Hall sensor’s
capability. It contains two complementary open-drain transistors
as motor coil drivers, automatic lock current shutdown, and
recovery protections. Additional, frequency generator (FG) output
is for speed detection relatively.
Rotor-lock shutdown detection circuit turns off the output driver
when the rotor is blocked to avoid coil overheat. Then, the
automatic recovery circuit will restart the motor. These protected
actions are repeated and periodic during the blocked period. Until
the blocking is removed, the motor recovers and runs normally.
Typical Application Circuit
288
1
3
2
Vdd (24V)
Coil2
Coil1
Rpu
FG
D2
D1
* Rpu : typical 10 Kohm
C1
5
4
48V
48V
GND
D3
Note: The optional Capacitor C1 and Diode D3 are for power stabilization. C1 is recommended to
be E-Cap., luF/25V; D3 is recommended to be Zener Diode, VZ =27V. Which C1and D3
value need to be fine tuned to optimize design for different coils and power suppliers .
24V DC Brush-less Fan with FG output function
Features
General Description


Similar Part No. - AH288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH288 ETC-AH288 Datasheet
180Kb / 6P
S
logo
Diodes Incorporated
AH288 DIODES-AH288 Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-P DIODES-AH288-P Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-PL-13 DIODES-AH288-PL-13 Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-PL-B DIODES-AH288-PL-B Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
More results

Similar Description - AH288

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH289 DIODES-AH289 Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH287 DIODES-AH287_10 Datasheet
212Kb / 11P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 10
AH289 DIODES-AH289_10 Datasheet
116Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 11
AH291 DIODES-AH291_10 Datasheet
156Kb / 9P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 8
AH292 DIODES-AH292_10 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 7
AH293 DIODES-AH293_10 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com