Electronic Components Datasheet Search
  English  ▼

X  

LPC122X Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC122X
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC122X Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC122X Datasheet HTML 17Page - NXP Semiconductors LPC122X Datasheet HTML 18Page - NXP Semiconductors LPC122X Datasheet HTML 19Page - NXP Semiconductors LPC122X Datasheet HTML 20Page - NXP Semiconductors LPC122X Datasheet HTML 21Page - NXP Semiconductors LPC122X Datasheet HTML 22Page - NXP Semiconductors LPC122X Datasheet HTML 23Page - NXP Semiconductors LPC122X Datasheet HTML 24Page - NXP Semiconductors LPC122X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
21 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).
• Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
• Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
• Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
• The I2C-bus can be used for test and diagnostic purposes.
• The I2C-bus controller supports multiple address recognition and a bus monitor mode.
7.13 10-bit ADC
The LPC122x contains one ADC. It is a single 10-bit successive approximation ADC with
eight channels.
7.13.1 Features
• 10-bit successive approximation ADC.
• Input multiplexing among 8 pins.
• Power-down mode.
• Measurement range 0 V to VDD(3V3).
• 10-bit conversion time of 257 kHz.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or counter/timer match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
7.14 Comparator block
The comparator block consists of two analog comparators.
7.14.1 Features
• Up to six selectable external sources per comparator; fully configurable on either
positive or negative comparator input channels.
• BOD 0.9 V internal reference voltage selectable on both comparators; configurable on
either positive or negative comparator input channels.
• 32-stage Voltage Ladder internal reference voltage selectable on both comparators;
configurable on either positive or negative comparator input channels.
• Voltage ladder source voltage is selectable from an external pin or an internal 3.3 V
voltage rail if external power source is not available.
• Voltage ladder can be separately powered down for applications only requiring the
comparator function.
• Relaxation oscillator circuitry output for a feedback 555-style timer application.
• Common interrupt connected to NVIC.
• Comparator outputs selectable as synchronous or asynchronous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com