Electronic Components Datasheet Search
  English  ▼

X  

LPC122X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC122X
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC122X Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC122X Datasheet HTML 1Page - NXP Semiconductors LPC122X Datasheet HTML 2Page - NXP Semiconductors LPC122X Datasheet HTML 3Page - NXP Semiconductors LPC122X Datasheet HTML 4Page - NXP Semiconductors LPC122X Datasheet HTML 5Page - NXP Semiconductors LPC122X Datasheet HTML 6Page - NXP Semiconductors LPC122X Datasheet HTML 7Page - NXP Semiconductors LPC122X Datasheet HTML 8Page - NXP Semiconductors LPC122X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
5 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
5.
Block diagram
Fig 1.
LPC122x block diagram
ARM
CORTEX-M0
TEST/DEBUG
INTERFACE
MICRO DMA
CONTROLLER
system
bus
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
XTALIN
XTALOUT
RESET
SWD
CRC
ENGINE
LPC122x
master
32/48/64/80/
96/128 kB
FLASH
slave
4/8 kB
SRAM
slave
ROM
slave
slave
slave
slave
002aaf269
GPIO ports
WINDOWED WDT
IOCONFIG
RTC
32 kHz OSCILLATOR
SYSTEM CONTROL
CLKOUT
SSP/SPI
UART0 RS-485
I2C
32-bit COUNTER/TIMER 0
SCK
SSEL
MISO
MOSI
4 × MAT
4 × CAP
SDA
SCL
UART1
TXD1
TXD0
RXD1
RXD0
32-bit COUNTER/TIMER 1
4 × MAT
4 × CAP
16-bit COUNTER/TIMER 0
2 × MAT
2 × CAP
16-bit COUNTER/TIMER 1
2 × MAT
2 × CAP
DTR0, DSR0, CTS0,
DCD0, RI0, RTS0
10-bit ADC
MICRO DMA REGISTERS
COMPARATOR0/1
AD[7:0]
ACMP0_I[3:0]
ACMP1_O
ACMP1_I[3:0]
VREF_CMP
ACMP0_O
AHB-LITE BUS
AHB-APB
BRIDGE
HIGH-SPEED
GPIO
RTCXOUT
RTCXIN
IRC, OSCILLATORS
POR
BOD
clocks and controls
Grey-shaded blocks represent peripherals
with connection to the micro DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com