Electronic Components Datasheet Search
  English  ▼

X  

PCF8576D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 2Page - NXP Semiconductors PCF8576D Datasheet HTML 3Page - NXP Semiconductors PCF8576D Datasheet HTML 4Page - NXP Semiconductors PCF8576D Datasheet HTML 5Page - NXP Semiconductors PCF8576D Datasheet HTML 6Page - NXP Semiconductors PCF8576D Datasheet HTML 7Page - NXP Semiconductors PCF8576D Datasheet HTML 8Page - NXP Semiconductors PCF8576D Datasheet HTML 9Page - NXP Semiconductors PCF8576D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 14 February 2011
6 of 50
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Description
PCF8576DT/x
PCF8576DU/x
SDA
44
1, 58, 59
I2C-bus serial data input and output
SCL
45
2, 3
I2C-bus serial clock input
CLK
47
5
external clock input or output
VDD
48
6
supply voltage
SYNC
46
4
cascade synchronization input or output
OSC
49
7
internal oscillator enable input
A0 to A2
50 to 52
8 to 10
subaddress inputs
SA0
53
11
I2C-bus address input; bit 0
VSS
54
12[1]
ground supply voltage
VLCD
55
13
LCD supply voltage
BP0, BP2,
BP1, BP3
56, 1, 2, 3
14 to 17
LCD backplane outputs
S0 to S39
4 to 43
18 to 57
LCD segment outputs
n.c.
-
-
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com