| Electronic Components Datasheet Search |
|
PCF8576D Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8576D Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 50 page ![]() PCF8576D All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 10 — 14 February 2011 7 of 50 NXP Semiconductors PCF8576D Universal LCD driver for low multiplex rates 7. Functional description The PCF8576D is a versatile peripheral device designed to interface any microprocessor or microcontroller with a wide variety of LCDs. It can directly drive any static or multiplexed LCD containing up to four backplanes and up to 40 segments. The possible display configurations of the PCF8576D depend on the number of active backplane outputs required. A selection of display configurations is shown in Table 4. All of these configurations can be implemented in the typical system shown in Figure 4. The host microprocessor or microcontroller maintains the 2-line I2C-bus communication channel with the PCF8576D. The internal oscillator is enabled by connecting pin OSC to pin VSS. The appropriate biasing voltages for the multiplexed LCD waveforms are generated internally. The only other connections required to complete the system are to the power supplies (VDD, VSS and VLCD) and the LCD panel chosen for the application. 7.1 Power-on reset At power-on the PCF8576D resets to the following starting conditions: • All backplane outputs are set to VLCD • All segment outputs are set to VLCD • The selected drive mode is: 1:4 multiplex with 1⁄3 bias • Blinking is switched off Table 4. Selection of possible display configurations Number of Backplanes Icons Digits/Characters Dot matrix/ Elements 7-segment 14-segment 4 160 20 10 160 (4 × 40) 3 120 15 7 120 (3 × 40) 280 10 5 80 (2 × 40) 140 5 240 (1 × 40) The resistance of the power lines must be kept to a minimum. For chip-on-glass applications, due to the Indium Tin Oxide (ITO) track resistance, each supply line must be routed separately between the chip and the connector. Fig 4. Typical system configuration HOST MICRO- PROCESSOR/ MICRO- CONTROLLER tr 2CB SDA SCL OSC 40 segment drives 4 backplanes LCD PANEL (up to 160 elements) PCF8576D A0 A1 A2 SA0 VDD VSS VSS VDD VLCD mdb079 R ≤ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |